Electronic Components Datasheet Search
  English  ▼

X  

4034 Datasheet(PDF) 3 Page - B&K Precision Corporation

Part # 4034
Description  50 MHz Programmable Pulse Generators
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

4034 Datasheet(HTML) 3 Page - B&K Precision Corporation

  4034 Datasheet HTML 1Page - B&K Precision Corporation 4034 Datasheet HTML 2Page - B&K Precision Corporation 4034 Datasheet HTML 3Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
3
w
w w
w w
w..b
bk
k p
prre
ec
c iis
siio
on
n..c
c o
om
m
50 MHz Programmable Pulse Generators
Models 4033 & 4034
v0
82119
The specifications describe the instrument performance after 30 minutes warm-up period into a 50 Ω load. All timing characteristics are measured at 50% of
amplitude with fastest edges.
O
OP
PE
ER
RA
A T
TII N
NG
G M
MO
OD
D E
ESS
Continuous
Output continuous at programmed period rate
Triggered
Output quiescent until triggered by an internal, external, GPIB
or manual trigger, then generates one cycle at programmed
period rate
Gated
Same as triggered mode except pulses are output for the dura-
tion of the gated signal. The last cycle started is completed
Burst
Same as triggered mode for programmed number of cycles from
2 to 999,999 as set by the N-BURST function
External Width
Trigger duration and rate sets pulse width and repetition
P
PU
ULLSSE
E FFU
UN
NC
CT
TII O
ON
NSS
Single
One pulse at each selected period up to 50 MHz repetition rate
Double
One pair of pulses at each period up to 25 MHz repetition rate.
Both pulses have the same selected width; the position of
the second pulse set by the delay control.
T
T IIM
MII N
NG
G C
CH
HA
A R
RA
AC
CT
T E
ER
RIISST
T IIC
CSS
PERIOD
Range (single pulse)
20 ns to 10 s (50 MHz to 0.1 Hz repetition rate)
Range (double
pulse)
40 ns to 10 s (25 MHz to 0.1 Hz repetition rate)
Resolution
Up to 6 digits, limited to 100 ps
Accuracy
±0.01 %1
Jitter
< 0.01 % of setting +20 ps on Period, Width and Delay
WIDTH
Range
10 ns to (Period – 10 ns)
Resolution
Up to 6 digits, limited to 100 ps
Accuracy
±(0.5% of setting +500 ps)
Double Pulse
±(0.5% of setting +3 ns) for the second pulse
DELAY
Range
0 ns to (Period – Width – 10 ns)
Resolution
Up to 6 digits, limited to 100 ps
Accuracy
±(0.5% of setting +500 ps)
DUTY CYCLE
Range
1 to 99%
Resolution
3 digits (0.1%)
Accuracy
Limited by width and pulse accuracy
O
OU
UT
TP
PU
UT
T C
CH
HA
A R
RA
AC
CT
T E
ER
RIISST
T IIC
CSS
AMPLITUDE
High Level Range
-9.90 V to +10 V into 50 Ω load
(-19.80 V to +20 V into open circuit)
Low Level Range
-10 V to +9.90 V into 50 Ω load
(-20 V to +19.80 V into open circuit)
Amplitude Range
0.1 V to 10 V p-p into 50 Ω load
(20 V p-p max into open circuit)
Resolution
3 digits limited to 10 mV
Accuracy
±1% of setting ±10 mV into 50 Ω
Aberrations
<5% + 20 mV into 50 Ω load, for pulse levels between ±5V
Output Resistance
50 Ω
Offset Accuracy
±1% ±25 mV
M
Mooddee llss
4
40
03
33
3
4
40
03
34
4
CHANNELS
1
2
FREQUENCY
0.1 Hz to 50 MHz
T
T R
RA
AN
NSSIIT
T IIO
ON
N T
T IIM
ME
E SS
Range
<6 ns to 100 ms variable. Leading and trailing edges settable
separately and limited to 20:1 ratio between settings into one of
the following ranges: 5 ns-100 ns; 50 ns-1.0 us; 500 ns-10 us;
5.0 us-100 us; 50 us-1.0 ms; 500 us-10 ms, 5 ms – 100 ms
Resolution
3 digits limited to 10 ps
Accuracy
±(5% of setting +2 ns)
Linearity
<5% deviation from a straight line between 10% and 90%
points, for transitions > 50 ns
II N
NT
T E
ER
RN
NA
A LL T
TR
RII G
GG
GE
ER
R
Range
100 ns to 100 s
Resolution
4 digits limited to 100 ns
Accuracy
±0.01%
II N
NP
P U
UT
T A
AN
ND
D O
OU
UT
T P
PU
UT
T
TRIGGER
INPUT
Sensitivity
200 mVpp minimum
Minimum Width
10 ns
Maximum Rate
50 MHz
Input Impedance
10 kΩ
Input Protection
±15V DC plus peak AC
Range
Selectable from -10 V to +10 V
Resolution
3 digits limited to 10 mV
Slope Selection
Positive or Negative
SYNC OUTPUT
A TTL level pulse at the programmed period. Output impedance
is 50 Ω, protected against short circuit and up to ±15 V
accidental input. The high level is >2 V into 50 Ω and with 3.5
ns typical transition times.
R
RE
E M
MO
OT
T E
E P
PR
RO
OG
GR
RA
AM
MM
MII N
NG
G
Interface
GPIB and RS-232, IEEE-488.2 and SCPI compatible
GPIB Function Codes
SH1, AH1, T6, L4, SR1, RL1, PP0, DC1,DT1, C0, E2
G
GE
E N
NE
E R
RA
ALL
Memory
Non-volatile, stores up to 99 complete panel settings. Last user
setup also retained at power down.
Power Requirements
100-240 V, ±10%, 48-66 Hz, 50 VA maximum
Dimensions WxHxD
8.4 x 11.8 x 3.5 inches (213 x 300 x 88 mm)
Net Weight
6.61 lbs (3 kg)
EMC
Conforms to EN55011 class B for radiated and conducted
emissions
Electrical Discharge Immunity
Conforms to EN55082
Safety Specifications
Conforms to EN61010, CE Approved
Operating Temperature
32 °F to 122 ° F (0 °C to 50 °C)
Storage Temperature
-4 ° F to 140 °F (-20 °C to 60 °C)
Humidity
90% RH at 32 °F to 86 °F (0 °C to 30 °C)
Three Year Warranty
Included accessories : AC Power cord, CD containing instruction manual, RS-232 cable,
test report and certificate of calibration
Specifications
1Applies to values entered when incremented frequency or decrementing period, entering values differently than described will typically be less accurate.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com