Electronic Components Datasheet Search
  English  ▼

X  

MDL252 Datasheet(PDF) 1 Page - B&K Precision Corporation

Part # MDL252
Description  Modular Programmable DC Electronic Load
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

MDL252 Datasheet(HTML) 1 Page - B&K Precision Corporation

  MDL252 Datasheet HTML 1Page - B&K Precision Corporation MDL252 Datasheet HTML 2Page - B&K Precision Corporation MDL252 Datasheet HTML 3Page - B&K Precision Corporation MDL252 Datasheet HTML 4Page - B&K Precision Corporation MDL252 Datasheet HTML 5Page - B&K Precision Corporation MDL252 Datasheet HTML 6Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
The MDL Series is a multi-channel modular
programmable electronic load system. Seven
different modules of programmable DC loads
ranging in power from 200 W to 600 W
provide users the flexibility to test a wide range
of power sources from multi-output AC/DC
power supplies to batteries, fuel cells, and
photovoltaic arrays.
The mainframe has four slots that can be
configured with any assortment of the modules
up to 2400 W (up to 4800 W with mainframe
extension). The high-performance electronic load
modules of the MDL Series are capable of
operating in constant current (CC), constant
voltage (CV), constant resistance (CR), constant
power (CW), and constant impedance (CZ)
Features and Benefits
I
Power range up to 2400 W
I
Voltage range up to 500 V
I
Current range up to 120 A
I
CC/CV/CR/CW/CZ operating modes
I
Removable modules for easy system
configurability
I
Support for up to 16 channels using dual
channel modules with mainframe extension
I
Operate identical modules in parallel mode
for high current applications
I
Synchronous Load on/off function
I
Standard LAN, GPIB, USB, and RS-232
interfaces with USBTMC/SCPI protocol support
I
Analog current control and monitoring
I
Transient mode up to 25 kHz
I
List mode (sequence mode) - minimum 20 µs
step width with 84 user programmable steps
I
Adjustable slew rate in CC mode
I
16-bit voltage and current measurement
system providing high resolution of 0.1 mV
and 0.01 mA
I
Automatic test function
I
101 memory locations to save/recall setting
parameters
I
Remote sense
I
OVP/OCP/OPP/OTP and reverse voltage
protection
Modular Programmable DC Electronic Load
MDL Series
Data Sheet
www.bkprecision.com
mode, which uses DSP technology to simulate
non-linear loads and realistic loading behavior.
Easily edit the load’s parameters such as voltage,
current, slew rate, and width via the front panel.
Increase productivity by saving your test
parameters into any one of the 101 memory
areas for quick system recall. Additionally, the
MDL Series provides 16-bit resolution as well
as numerous protection modes and a power-on
system self-test to ensure the reliability of your
testing.
For remote communication, the MDL series
provides LAN, USBTMC compliant USB,
RS232, and GPIB standard interfaces that
support SCPI command protocol.
Modules
MDL200 MDL252 MDL302 MDL305 MDL400 MDL505 MDL600
Power
200 W
*250 W/
50 W
300 W/
300 W
300 W
400 W
500 W
600 W
Operating Voltage
80 V
80 V
80 V
500 V
80 V
500 V
80 V
Rated Current
40 A
20 A
45 A
20 A
60 A
30 A
120 A
No. of Channels
1
2
2
1
1
1
1
* The MDL252 is a dual-channel 250 W load module supporting a
unique flexible power configuration. The user can allocate up to
250 W to either channel up to 300 W total (e.g. 50 W/250 W,
250 W/50 W, 150 W/150 W), thus replacing many dual-channel
modules with fixed power distribution.
Technical data subject to change
© B&K Precision Corp. 201
6


Similar Part No. - MDL252

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MDL252 ETC2-MDL252 Datasheet
4Mb / 6P
Power range up to 2400 W
More results

Similar Description - MDL252

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSI32F8030 ETC1-SSI32F8030 Datasheet
65Kb / 10P
Programmable Electronic Filter
logo
Keysight Technologies
BENCHVUEELA KEYSIGHT-BENCHVUEELA Datasheet
1Mb / 5P
BenchVue Electronic Load App
logo
PHOENIX CONTACT
101764 PHOENIX-101764 Datasheet
68Kb / 5P
Electronic Reversing-Load Relay for DC Motors
logo
TEKTRONIX, INC.
2380 TEKTRONIX-2380 Datasheet
544Kb / 5P
Programmable DC Electronic Loads
logo
B&K Precision Corporati...
8600 BK-8600 Datasheet
2Mb / 8P
Programmable DC Electronic Loads
logo
Maxim Integrated Produc...
MAX17291EVK-WLP MAXIM-MAX17291EVK-WLP Datasheet
413Kb / 6P
Electronic Load Capable of 310mA
Rev 0; 10/20
logo
List of Unclassifed Man...
PEL-500 ETC-PEL-500 Datasheet
1Mb / 6P
DC Electronic Load
logo
ITECH ELECTRONIC CO.,LT...
IT8211 ITECH-IT8211 Datasheet
72Kb / 1P
DC Power Sources DC Electronic Load
IT8500G ITECH-IT8500G Datasheet
2Mb / 12P
IT8500G series Programmable DC Electronic Load
IT8518 ITECH-IT8518 Datasheet
1,011Kb / 44P
Programmable DC Electronic Load
ReservedVer2,0/Jan, 2010
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com