Electronic Components Datasheet Search
  English  ▼

X  

MDL302 Datasheet(PDF) 5 Page - B&K Precision Corporation

Part # MDL302
Description  Modular Programmable DC Electronic Load
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

MDL302 Datasheet(HTML) 5 Page - B&K Precision Corporation

  MDL302 Datasheet HTML 1Page - B&K Precision Corporation MDL302 Datasheet HTML 2Page - B&K Precision Corporation MDL302 Datasheet HTML 3Page - B&K Precision Corporation MDL302 Datasheet HTML 4Page - B&K Precision Corporation MDL302 Datasheet HTML 5Page - B&K Precision Corporation MDL302 Datasheet HTML 6Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
www.bkprecision.com
Modular Programmable DC Electronic Load
MDL Series
Specifications
Model
MDL200
MDL252
MDL302
MDL305
MDL400
MDL505
MDL600
Readback voltage
Range
Low
0-18 V
High
0-80 V
0-80 V
0-80 V
0-500 V
0-80 V
0-500 V
0-80 V
Resolution
Low
0.1 mV
0.1 mV
0.1 mV
1 mV
0.1 mV
1 mV
0.1 mV
High
1 mV
1 mV
1 mV
10 mV
1 mV
10 mV
1 mV
Accuracy
± (0.025 % + 0.025 % F.S.)
Readback current
Range
Low
0-4 A
0-3 A
0-4.5 A
0-3 A
0-6 A
0-3 A
0-12 A
High
0-40 A
0-20 A
0-45 A
0-20 A
0-60 A
0-30 A
0-120 A
Resolution
Low
0.01 mA
0.01 mA
0.01 mA
0.01 mA
0.1 mA
0.01 mA
0.1 mA
High
0.1 mA
0.1 mA
0.1 mA
0.1 mA
1 mA
0.1 mA
1 mA
Accuracy
Low
± (0.05 % + 0.05 % F.S.)
± (0.05 % + 0.1 % F.S.)
High
± (0.05 % + 0.05 % F.S.)
± (0.1 % + 0.1 % F.S.)
Readback power
Range
200 W
250 W
300 W
300 W
400 W
500 W
600 W
Resolution
10 mW
Accuracy
± (0.2 % + 0.2 % F.S.)
Protection range (typical)
OPP
200 W
250 W
310 W
300 W
400 W
500 W
600 W
OCP
Low
4.4 A
3.3 A
5 A
3.3 A
6.6 A
3.3 A
13.2 A
High
44 A
22 A
50 A
22 A
66 A
33 A
132 A
OVP
82 V
82 V
82 V
510 V
82 V
510 V
82 V
OTP
185 ºF (85 ºC)
General (typical)
Short Circuit
Current (CC)
Low
4 A
3 A
5 A
3 A
6 A
3 A
12 A
High
40 A
30 A
50 A
20 A
60 A
30 A
120 A
Voltage (CV)
0 V
Resistance (CR)
25 m
Ω
50 m
Ω
30 m
Ω
220 m
Ω
25 m
Ω
180 m
Ω
15 m
Ω
Input Terminal Impedance
300 k
Ω
300 k
Ω
300 k
Ω
1 M
Ω
300 k
Ω
1 M
Ω
300 k
Ω
Safety
EN61010-1:2001, EU Low Voltage Directive 2006/95/EC
Electromagnetic Compatibility
Meets EMC Directive 2004/108/EC, EN 61000-3-2:2006, EN 61000-3-3:1995+A1:2001+A2:2005
EN 61000-4-2/-3/-4/-5/-6/-11, EN 61326-1:2006
Dimensions
3.2” x 7.2” x 22.6” (82 x 183 x 573 mm)
Weight
11 lbs (5 kg)
Three-Year Warranty



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com