Electronic Components Datasheet Search
  English  ▼

X  

MMBFJ309 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MMBFJ309
Description  JFET VHF/UHF Amplifier Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBFJ309 Datasheet(HTML) 1 Page - ON Semiconductor

  MMBFJ309 Datasheet HTML 1Page - ON Semiconductor MMBFJ309 Datasheet HTML 2Page - ON Semiconductor MMBFJ309 Datasheet HTML 3Page - ON Semiconductor MMBFJ309 Datasheet HTML 4Page - ON Semiconductor MMBFJ309 Datasheet HTML 5Page - ON Semiconductor MMBFJ309 Datasheet HTML 6Page - ON Semiconductor MMBFJ309 Datasheet HTML 7Page - ON Semiconductor MMBFJ309 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
JFET - VHF/UHF Amplifier
Transistor
N–Channel
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Drain–Source Voltage
VDS
25
Vdc
Gate–Source Voltage
VGS
25
Vdc
Gate Current
IG
10
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR–5 Board(1)
TA = 25°C
Derate above 25
°C
PD
225
1.8
mW
mW/
°C
Thermal Resistance, Junction to Ambient
RqJA
556
°C/W
Junction and Storage Temperature
TJ, Tstg
–55 to +150
°C
DEVICE MARKING
MMBFJ309LT1 = 6U; MMBFJ310LT1 = 6T
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Gate–Source Breakdown Voltage (IG = –1.0 µAdc, VDS = 0)
V(BR)GSS
–25
–
–
Vdc
Gate Reverse Current (VGS = –15 Vdc)
Gate Reverse Current (VGS = –15 Vdc, TA = 125°C)
IGSS
–
–
–
–
–1.0
–1.0
nAdc
µAdc
Gate Source Cutoff Voltage
MMBFJ309
(VDS = 10 Vdc, ID = 1.0 nAdc)
MMBFJ310
VGS(off)
–1.0
–2.0
–
–
–4.0
–6.5
Vdc
ON CHARACTERISTICS
Zero–Gate–Voltage Drain Current
MMBFJ309
(VDS = 10 Vdc, VGS = 0)
MMBFJ310
IDSS
12
24
–
–
30
60
mAdc
Gate–Source Forward Voltage (IG = 1.0 mAdc, VDS = 0)
VGS(f)
–
–
1.0
Vdc
SMALL–SIGNAL CHARACTERISTICS
Forward Transfer Admittance (VDS = 10 Vdc, ID = 10 mAdc, f = 1.0 kHz)
|Yfs|
8.0
–
18
mmhos
Output Admittance (VDS = 10 Vdc, ID = 10 mAdc, f = 1.0 kHz)
|yos|
–
–
250
µmhos
Input Capacitance (VGS = –10 Vdc, VDS = 0 Vdc, f = 1.0 MHz)
Ciss
–
–
5.0
pF
Reverse Transfer Capacitance (VGS = –10 Vdc, VDS = 0 Vdc, f = 1.0 MHz)
Crss
–
–
2.5
pF
Equivalent Short–Circuit Input Noise Voltage
(VDS = 10 Vdc, ID = 10 mAdc, f = 100 Hz)
en
–
10
–
nV
Hz
1. FR–5 = 1.0
 0.75  0.062 in.
ON Semiconductort
© Semiconductor Components Industries, LLC, 2001
November, 2001 – Rev. 2
1
Publication Order Number:
MMBFJ309LT1/D
MMBFJ309LT1
MMBFJ310LT1
1
2
3
CASE 318–08, STYLE 10
SOT–23 (TO–236AB)
2 SOURCE
3
GATE
1 DRAIN


Similar Part No. - MMBFJ309

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MMBFJ309 FAIRCHILD-MMBFJ309 Datasheet
196Kb / 2P
SFET RF,VHF, UHF, Amplitiers
MMBFJ309 FAIRCHILD-MMBFJ309 Datasheet
561Kb / 13P
N-Channel RF Amplifier
logo
Pan Jit International I...
MMBFJ309 PANJIT-MMBFJ309 Datasheet
55Kb / 3P
J-FET HIGH FREQUENCY AMPLIFIER TRANSISTOR
logo
Fairchild Semiconductor
MMBFJ309 FAIRCHILD-MMBFJ309 Datasheet
213Kb / 6P
N-Channel RF Amplifier
MMBFJ309 FAIRCHILD-MMBFJ309 Datasheet
213Kb / 6P
N-Channel RF Amplifier
More results

Similar Description - MMBFJ309

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBF4416LT1 MOTOROLA-MMBF4416LT1 Datasheet
292Kb / 10P
JFET VHF/UHF Amplifier Transistor
MMBFJ309LT1 MOTOROLA-MMBFJ309LT1 Datasheet
165Kb / 6P
JFET VHF/UHF Amplifier Transistor
logo
ON Semiconductor
MMBF4416LT1 ONSEMI-MMBF4416LT1 Datasheet
172Kb / 8P
JFET VHF/UHF Amplifier Transistor
November, 2001 ??Rev. 2
MMBF4416LT1 ONSEMI-MMBF4416LT1_06 Datasheet
149Kb / 6P
JFET VHF/UHF Amplifier Transistor N-Channel
February, 2006 ??Rev. 3
MMBFJ309LT1G ONSEMI-MMBFJ309LT1G_09 Datasheet
150Kb / 5P
JFET - VHF/UHF Amplifier Transistor
August, 2009 ??Rev. 4
logo
New Jersey Semi-Conduct...
2N4416A NJSEMI-2N4416A Datasheet
190Kb / 2P
JFET VHF/UHF AMPLIFIER
logo
ON Semiconductor
2N3819G ONSEMI-2N3819G Datasheet
175Kb / 8P
JFET VHF/UHF Amplifier
March, 2002 ??Rev. 0
MMBFJ309L ONSEMI-MMBFJ309L Datasheet
167Kb / 5P
JFET - VHF/UHF Amplifier Transistor
November, 2011 ??Rev. 5
MMBFJ309LT1G ONSEMI-MMBFJ309LT1G Datasheet
126Kb / 5P
JFET - VHF/UHF Amplifier Transistor
October, 2016 ??Rev. 8
MMBFJ309L ONSEMI-MMBFJ309L_V01 Datasheet
187Kb / 6P
JFET - VHF/UHF Amplifier Transistor N−Channel
October, 2016 - Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com