Electronic Components Datasheet Search
  English  ▼

X  

NCP136 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP136
Description  LDO Regulator - Very Low Dropout, CMOS, Bias Rail 700 mA
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP136 Datasheet(HTML) 4 Page - ON Semiconductor

  NCP136 Datasheet HTML 1Page - ON Semiconductor NCP136 Datasheet HTML 2Page - ON Semiconductor NCP136 Datasheet HTML 3Page - ON Semiconductor NCP136 Datasheet HTML 4Page - ON Semiconductor NCP136 Datasheet HTML 5Page - ON Semiconductor NCP136 Datasheet HTML 6Page - ON Semiconductor NCP136 Datasheet HTML 7Page - ON Semiconductor NCP136 Datasheet HTML 8Page - ON Semiconductor NCP136 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
NCP136
www.onsemi.com
4
ELECTRICAL CHARACTERISTICS −40
°C ≤ TJ ≤ 85°C; VBIAS = 2.7 V or (VOUT + 1.6 V), whichever is greater,
VIN = VOUT(NOM) + 0.3 V, IOUT = 1 mA, VEN = 1 V, CIN = 4.7 mF, COUT = 10 mF, CBIAS = 1 mF, unless otherwise noted.
Typical values are at TJ = +25°C. Min/Max values are for −40°C ≤ TJ ≤ 85°C unless otherwise noted. (Note 4)
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
Range
VIN
VOUT +
VDO
5.5
V
Operating Bias Voltage
Range
VBIAS
(VOUT +
1.50)
≥ 2.5
5.5
V
Undervoltage Lock−out
VBIAS Rising
Hysteresis
UVLO
1.6
0.2
V
Output Voltage Accuracy
VOUT
±0.5
%
Output Voltage Accuracy
−40
°C ≤ TJ ≤ 85°C, VOUT(NOM) + 0.1 V ≤ VIN ≤ VOUT(NOM)
+ 1.0 V, 2.7 V or (VOUT(NOM) + 1.6 V), whichever is
greater < VBIAS < 5.5 V, 1 mA < IOUT < 700 mA
VOUT
−1.0
+1.0
%
VIN Line Regulation
VOUT(NOM) + 0.1 V ≤ VIN ≤ 5.0 V
LineReg
0.01
%/V
VBIAS Line Regulation
2.7 V or (VOUT(NOM) + 1.6 V), whichever is greater <
VBIAS < 5.5 V
LineReg
0.01
%/V
Load Regulation
IOUT = 1 mA to 700 mA
LoadReg
1.5
mV
VIN Dropout Voltage
IOUT = 700 mA (Note 5)
VDO
40
60
mV
VBIAS Dropout Voltage
IOUT = 700 mA, VIN = VBIAS (Notes 5, 6)
VDO
1.1
1.5
V
Output Current Limit
VOUT = 90% VOUT(NOM)
ICL
800
1450 2000
mA
SNS/ADJ Pin Operating
Current
ISNS
0.1
0.5
mA
Bias Pin Quiescent
Current
VBIAS = 2.7 V, IOUT = 0 mA
IBIASQ
70
110
mA
Bias Pin Disable Current
VEN ≤ 0.4 V
IBIAS(DIS)
0.5
1
mA
Input Pin Disable Current
VEN ≤ 0.4 V
IVIN(DIS)
0.5
1
mA
EN Pin Threshold Voltage
EN Input Voltage “H”
VEN(H)
0.9
V
EN Input Voltage “L”
VEN(L)
0.4
EN Pull Down Current
VEN = 5.5 V
IEN
0.3
1
mA
Power Supply Rejection
Ratio
VIN to VOUT, f = 1 kHz, IOUT = 10 mA,
VIN
≥ VOUT +0.5 V, VOUT(NOM) = 1.2 V,
VBIAS = 3.0 V
PSRR(VIN)
75
dB
VBIAS to VOUT, f = 1 kHz, IOUT = 10 mA,
VIN
≥ VOUT +0.5 V, VOUT(NOM) = 1.2 V,
VBIAS = 3.0 V
PSRR(VBIAS)
80
dB
Output Noise Voltage
VIN = VOUT +0.5 V, f = 10 Hz to 100 kHz,
VOUT(NOM) = 1.2 V
VN
40
mVRMS
Thermal Shutdown
Threshold
Temperature increasing
160
°C
Temperature decreasing
140
Output Discharge
Pull−Down
VEN ≤ 0.4 V, VOUT = 0.5 V,
NCP136A and NCP136C option
RDISCH
150
W
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
4. Performance guaranteed over the indicated operating temperature range by design and/or characterization. Production tested at TA = 25°C.
Low duty cycle pulse techniques are used during the testing to maintain the junction temperature as close to ambient as possible.
5. Dropout voltage is characterized when VOUT falls 3% below VOUT(NOM).
6. For fixed output voltages below 1.5 V, VBIAS dropout does not apply due to a minimum Bias operating voltage of 2.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com