Electronic Components Datasheet Search
  English  ▼

X  

8085166 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8085166
Description  Mini slide
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8085166 Datasheet(HTML) 1 Page - Festo Corporation.

  8085166 Datasheet HTML 1Page - Festo Corporation. 8085166 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Mini slide
DGST-10-30-Y12A
Part number: 8085166
Data sheet
Feature
Value
Guide material
POM
TPE-E
High-alloy steel
Stroke
30 mm
Adjustable end-position range/front length
15.1 mm
Adjustable end-position range/rear length
15.3 mm
Piston diameter
10 mm
Type code
DGST
Drive unit operating mode
Yoke
Cushioning
External hydraulic cushioning
Mounting position
Any
Guide
Recirculating ball bearing guide
Design
Piston rod
Twin piston
Yoke
Slide
Position sensing
For proximity sensor
Symbol
00991249
Operating pressure
1 bar ... 8 bar
Max. speed
0.5 m/s
Repetition accuracy
<= 0.02 mm
Mode of operation
Double-acting
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
1 - Low corrosion stress
Ambient temperature
-10 °C ... 60 °C
Impact energy in the end positions
0.28 J
Cushioning length
4 mm
Max. force Fy
490 N
Max. force Fz
490 N
Max. torque Mx
3.5 Nm
Max. torque My
3 Nm
Max. torque Mz
3 Nm
Theoretical force at 6 bar, retracting
79 N
Theoretical force at 6 bar, advancing
94 N
Moving mass
156.2 g
9/15/20 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 8085166

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8085160 FESTO-8085160 Datasheet
93Kb / 2P
Mini slide
8085161 FESTO-8085161 Datasheet
93Kb / 2P
Mini slide
8085162 FESTO-8085162 Datasheet
93Kb / 2P
Mini slide
8085163 FESTO-8085163 Datasheet
93Kb / 2P
Mini slide
8085164 FESTO-8085164 Datasheet
93Kb / 2P
Mini slide
More results

Similar Description - 8085166

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
DGST-10-10-PA FESTO-DGST-10-10-PA Datasheet
92Kb / 2P
Mini slide
DGST-10-40-PA FESTO-DGST-10-40-PA Datasheet
92Kb / 2P
Mini slide
DGST-12-50-Y12A FESTO-DGST-12-50-Y12A Datasheet
91Kb / 2P
Mini slide
DGST-12-80-E1A FESTO-DGST-12-80-E1A Datasheet
89Kb / 2P
Mini slide
DGST-12-80-Y12A FESTO-DGST-12-80-Y12A Datasheet
91Kb / 2P
Mini slide
DGST-16-20-E1A FESTO-DGST-16-20-E1A Datasheet
89Kb / 2P
Mini slide
DGST-16-40-Y12A FESTO-DGST-16-40-Y12A Datasheet
91Kb / 2P
Mini slide
DGST-16-50-PA FESTO-DGST-16-50-PA Datasheet
91Kb / 2P
Mini slide
DGST-20-10-E1A FESTO-DGST-20-10-E1A Datasheet
94Kb / 2P
Mini slide
DGST-20-30-E1A FESTO-DGST-20-30-E1A Datasheet
95Kb / 2P
Mini slide
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com