Electronic Components Datasheet Search
  English  ▼

X  

4047B Datasheet(PDF) 4 Page - B&K Precision Corporation

Part # 4047B
Description  20 MHz Dual Channel Function / Arbitrary Generator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

4047B Datasheet(HTML) 4 Page - B&K Precision Corporation

  4047B Datasheet HTML 1Page - B&K Precision Corporation 4047B Datasheet HTML 2Page - B&K Precision Corporation 4047B Datasheet HTML 3Page - B&K Precision Corporation 4047B Datasheet HTML 4Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
20 MHz Dual Channel Function / Arbitrary Generator
Model 4047B
4
www.bkprecision.com
v072519
Specifications
4047B
Channels
2
Frequency Characteristics
Sine
0.01 Hz - 20 MHz
Square
0.01 Hz - 20 MHz
Triangle
0.01 Hz - 2 MHz
Pulse
0.01 Hz - 20 MHz
Resolution
up to 8 digits
Accuracy
0.001% (10 ppm)
at < 500 Hz: 0.001% + 0.006 Hz
Output Characteristics
Amplitude Range
10 mVpp to 10 Vpp (into 50 Ω);
20 mVpp to 20 Vpp (open circuit)
Amplitude Resolution
3 digits (1,000 counts)
Amplitude Accuracy
± 2% ± 20 mV of programmed output from 1.01 V - 10 V
Flatness
± 0.5 dB to 1 MHz
± 1 dB to 20 MHz
Offset Range
-4.99 V to 4.99 V (into 50 Ω)
Offset Resolution
10 mV, 3 digits
Offset Accuracy
± 2% ± 10 mV (into 50 Ω)
Output Impedance
50 Ω ± 2%
Output Protection
Protected against short circuit or accidental voltage
practically available in electronic laboratories, applied to the main
output connector
Waveform Characteristics
Harmonic Distortion
(3 Vp-p into 50 Ω)
0 - 1 MHz, < -60 dBc
1 MHz - 5 MHz, <-50 dBc
5 MHz - 12 MHz, <-45 dBc
12 MHz - 20 MHz, < 50 dBc
Rise/Fall Time (square, pulse)
≤ 20 ns (10% to 90% at full amplitude into 50 Ω)
Variable Duty Cycle/Symmetry
Square: 20% - 80% to 1 MHz
Triangle: 1% - 99% in 1% steps, up to 200 kHz
Symmetry Accuracy at 50%
± 1%
Pulse Width
(period 100 s - 50 ns)
10 ns to <(Period - 10 ns), 10 ns resolution
Variable Edge Time
100 ns to Width/0.625 (50 % duty cycle)
10 ns resolution
Jitter (square, pulse)
< 50 ps rms (cycle-to-cycle, typical)
Arbitrary Waveform Characteristics
Sampling Rate
8 ns to 100 s
Vertical Resolution
14 bits
Accuracy
0.001%
Resolution
4 digits
Waveform Length
2 to 16,382 points
Jitter
< 50 ps rms (cycle-to-cycle, typical)
Operating Modes
Continuous
Output continuous at programmed parameters
Triggered
Output quiescent until triggered by an internal or external trigger, at
which time one waveform cycle is generated to programmed parame-
ters. Frequency of waveform cycle is limited to 1 MHz.
Gate
Same as triggered mode, except waveform is executed for the dura-
tion of the gate signal. The last cycle started is completed.
Burst
2-65535 cycles
Trigger Source
Trigger source may be internal, external, or manual. Internal
trigger rate 0.1 Hz - 1 MHz (1 us - 10 s)
Sweep Characteristics
Sweep Shape
Linear or Logarithmic, up or down
Sweep Time
10 ms to 100 s
Input and Output
Trigger IN
TTL compatible
Maximum rate 1 MHz
Minimum width > 50 ns
Input impedance 1 kΩ
Sync OUT
TTL pulse at programmed frequency;
50 Ω source impedance
Modulation IN
5 Vp-p for 100% modulation
10 kΩ input impedance
DC to > 20 kHz minimum bandwidth
Counter Characteristics
Range
50 Hz to 50 MHz
Resolution
Auto ranging, up to 8 digits
Accuracy
± 0.02% ± 2 digits
Sensitivity
25 mVrms typical
General
Memory Storage
20 instrument settings
Arbitrary Memory
16,382 points in flash memory
Power Requirements
100 V - 240 V AC ± 10%, 47-63 Hz
Max. Power Consumption
< 30 VA
Operating Temperature
32 °F to 122 °F (0 °C to 50 °C)
Storage Temperature
14 °F to 158 °F (-10 °C to 70 °C)
Humidity
95% R.H. 0 °C to 30 °C
Dimensions (W x H x D)
8.39” x 3.46” x 8.27” (213 x 88 x 210 mm)
Weight
5.5 lbs (2.5 kg)
Safety and EMC Standards
EN55011 for radiated and conducted emissions
EN55082, EN61010, CE approved
Three-Year Warranty
Included Accessories
Power cord, USB (type A to B) interface cable,
certificate of calibration
Note: All specifications apply to the unit after a temperature stabilization time of 15 minutes over
an ambient temperature range of 23 ºC ± 5 ºC.
Specifications are subject to change without notice.
Modulation Characteristics
Amplitude
Modulation (AM)
Carrier
Sine, Square, or Triangle
Source
Internal, External
Internal Modulation
0.1 Hz - 20 kHz
Depth
0% to 100%
Frequency
Modulation (FM)
Carrier
Sine, Square, or Triangle
Source
Internal, External
Internal Modulation
0.01 Hz - 20 kHz
Deviation
1 µHz to max frequency/2
Frequency Shift
Keying (FSK)
Carrier
Sine, Square, or Triangle
Source
Internal, External
Rate
≤ 100 kHz
Phase
Modulation (PM)
Carrier
Sine, Square, or Triangle
Source
Internal, External
Internal Modulation
0.1 Hz - 20 kHz
Deviation
0 - 360 °,0.1 ° resolution
Pulse Width
Modulation (PWM)
Source
Internal, External
Width
1% to 99%
Internal Modulation
0.01 Hz - 100 kHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com