Electronic Components Datasheet Search
  English  ▼

X  

4050B Datasheet(PDF) 5 Page - B&K Precision Corporation

Part # 4050B
Description  Dual Channel Function/Arbitrary Waveform Generators
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

4050B Datasheet(HTML) 5 Page - B&K Precision Corporation

  4050B Datasheet HTML 1Page - B&K Precision Corporation 4050B Datasheet HTML 2Page - B&K Precision Corporation 4050B Datasheet HTML 3Page - B&K Precision Corporation 4050B Datasheet HTML 4Page - B&K Precision Corporation 4050B Datasheet HTML 5Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Dual Channel Function/Arbitrary Waveform Generators
4050B Series
5
www.bkprecision.com
v080917
Model
4053B, 4054B & 4055B
Pulse
Pulse Width
32.6 ns minimum, 100 ps resolution, 1,000,000 s max.
Rise/Fall Time
16.8 ns ( 1 Vpp, 50 10% – 90% 50 Ω load)
Duty Cycle
0.001% resolution
Overshoot
< 3 % (100 kHz, 1 Vpp)
Jitter (rms) cycle to cycle
300 ps + 0.05 ppm of period (typical, 1 kHz, 1 Vpp)
Burst
Waveform
ine, square, ramp, pulse, arbitrary, noise
Type
cycle (1-1000000 cycles), infinite, gated
Start/Stop Phase
0 ° – 360 °
Internal Period
1 µs – 1000 s
Gated Source
Internal, external trigger
Trigger Source
internal, external, manual
Phase Offset
Range
0 ° – 360 °
Resolution
0.1 °
AM, FM & PM Modulation Characteristics
Carrier
sine, square, ramp, arbitrary (except DC)
Source
internal, external
Internal Modulation Waveform
sine, square, ramp, noise, arbitrary (1 mHz - 20 kHz)
AM Modulation Depth
0% – 120%, 0.1% resolution
FM Frequency Deviation
0 – 0.5*bandwidth, 10 µHz resolution
PM Phase Deviation
0 – 360 °, 0.1 ° resolution
ASK & FSK Modulation Characteristics
Carrier
sine, square, ramp, arbitrary (except DC)
Source
internal, external
Modulation Waveform
50% duty cycle square waveform (1 mHz – 50 kHz)
PWM Modulation Characteristics
Source
internal, external
Modulation Waveform
sine, square, ramp, arbitrary (except DC)
Internal Modulation Frequency
1 mHz – 20 kHz
DSB-AM Modulation Characteristics
Carrier
sine, square, ramp, arbitrary (except DC)
Source
internal, external
Modulation Waveform
sine, square, ramp, noise, arbitrary (1 mHz – 20 kHz)
Sweep Characteristics
Waveforms
sine, square, ramp, arbitrary (except DC)
Sweep Shape
linear or logarithmic, up or down
Sweep Time
1 ms – 500 s
Sweep Trigger
internal, external, manual
Auxiliary Input / Output
Modulation Input
±6 Vpp (typical) for 100% modulation
Maximum input voltage: 7 V
Input impedance: 10 kΩ
Sync and Trigger Out
TTL compatible *1)
Output impedance 100 Ω
Maximum frequency: 1 MHz
Minimum pulse width: 500 ns
Trigger In
TTL compatible *2)
Input impedance: 10 kΩ
Minimum pulse width: 100 ns
Response time 100 ns (max) in sweep mode and
600 ns (max) in burst mode
Reference Clock
Input
Frequency Range: 10 MHz ± 1 kHz (typical)
Min. Voltage Input: 1.4 V
5 kΩ input impedance
Output
Frequency Range: 10 MHz ± 25 ppm (typical)
Voltage Level: 3.3 V (typical), 2 V (minimum)
50 Ω output impedance
Frequency Counter
Measurement
frequency, period, duty cycle,
positive/negative pulse width
Measurement Range
100 mHz – 200 MHz (DC coupling)
10 Hz – 200 MHz (AC coupling)
Input Range
100 mV to ± 2.5 V (< 100 MHz, DC coupling)
200 mV to ± 2.5 V (100 MHz – 200 MHz, DC coupling)
100 mV to 5 V (< 100 MHz, AC coupling)
200 mV to 5 V ( 100 MHz – 200 MHz, AC coupling)
Input Impedance
1 MΩ
Coupling
AC, DC, HF, REJ
Environmental and Safety
Temperature
operating: 32 ºF – 104 ºF (0 °C – 40 °C)
storage: -4 ºF – 140 ºF (-20 °C – 60 °C)
Humidity
< 86º F (30 °C), ≤ 90 % RH
104 ºF (40 °C), ≤ 50 % RH
Altitude
operating: below 9,842 ft (3,000 m)
storage: below 49,212 ft (15,000 m)
Electromagnetic Compatibility
EMC Directive 2004/108/EC, EN61326:2006,
EN61000-3-2:2006+A2:2009, EN61000-3-3:2008
Safety
Low voltage directive 2006/95/EC, EN61010-1:2001,
EN61010-031:2002+A1:2008
General
Display
4.3” TFT-LCD display, 480 x 272
Interfaces
LAN & USBTMC (standard), GPIB (optional), USB host
port
Storage Memory
Arbitrary waveforms and instrument settings share the
same non-volatile storage memory of 100 MB.
Power
100 – 240 VAC ± 10%, 50 / 60 Hz
100 – 120 VAC ± 10%, 400 Hz
Power Consumption
50 W max.
Dimensions (W x H x D)
263 x 96 x 295 mm (10.3” x 3.78” x 11.6”)
Weight
3.32 kg (7.32 lbs)
Three-Year Warranty
Standard Accessories
Getting started manual, instruction manual
(downloadable), AC power cord, USB type A-to-type B
cable, certificate of calibration
Optional Accessories
USB-to-GPIB adapter (model AK40G)
1*) V
OH = 3.8 V (I
OH = -8 mA), VOL = 0.44 V (IOL = 8 mA)
2*) V
IH= 2 V (min) / 5.5 V (max), VIL= -0.5V (min) / 0.8 V (max)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com