Electronic Components Datasheet Search
  English  ▼

X  

9103 Datasheet(PDF) 1 Page - B&K Precision Corporation

Part # 9103
Description  Multi-Range DC Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

9103 Datasheet(HTML) 1 Page - B&K Precision Corporation

  9103 Datasheet HTML 1Page - B&K Precision Corporation 9103 Datasheet HTML 2Page - B&K Precision Corporation 9103 Datasheet HTML 3Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Data Sheet
Multi-Range DC Power Supplies
Models 9103 and 9104
Technical data subject to change
© B&K Precision Corp. 2017
www.bkprecision.com
Model
9103
9104
Maximum Voltage
0 - 42 V
0 - 84 V
Maximum Current
0 - 20 A
0 - 10 A
Full-Featured DC Power Supplies to
Meet Your High Power Needs
Multi-range power supply models 9103 and 9104
can replace several power supplies on your bench
by offering extended operating areas. Unlike
conventional supplies with fixed output ratings,
these power supplies automatically recalculate
voltage and current limits for each setting,
providing 320 W output power in any voltage/
current setting within the supply’s rated voltage
and current limits.
This family of switching mode power supplies
feature a small form factor, auto cross-over for
constant voltage (CV) and constant current (CC)
operation, 3 voltage/current presets for frequent-
ly-used settings and transient operation, and
versatile remote control modes. The dual action
push button allows the user to set both coarse
and fine voltage and current levels quickly and
precisely. A remote sensing terminal compensates
for voltage drop across load leads.
These features make the 9103 and 9104 suitable
for a wide range of applications requiring high
current including production testing,
telecommunications, R&D, service, and university
labs.
Features and Benefits
n
Automatic CV/CC crossover operation
n
Lightweight and compact
n
Save up to 3 user-defined voltage and current
presets for quick recall
n
Transient mode for generating square,
triangular or trapezium waveforms
n
PC software for remote control and external
timed programming
n
Analog remote control function
n
USB interface
n
Output on-off switch and control panel lock
button for safer operation
n
Overvoltage and overcurrent protection
Model 9103 / 9104
output characteristics
Current
Voltage
84V
42V
32V
16V
3.8A 7.6A 10A
20A
9103
9104
320 W Maximum
Power Curve
0
Traditional power supplies with rectangular
output characteristics are only able to deliver
maximum output power at one voltage/current
point. The 9103 and 9104 provide greater
flexibility over traditional power supplies by
extending the operating areas. For example, the
9103 can operate at 42V / 7.6 A, 16 V / 20 A, or
any other point on the maximum power curve.


Similar Part No. - 9103

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9103 ETC1-9103 Datasheet
127Kb / 1P
SHIELDED ADJUSTABLE RF COILS
9103 ETC2-9103 Datasheet
268Kb / 1P
ROUND INSTRUMENTATION HANDLES
logo
Heyco.
9103 HEYCO-9103 Datasheet
117Kb / 1P
Releasable Type T Rivets
logo
Sensata Technologies, I...
9103 SENSATA-9103 Datasheet
136Kb / 2P
MEASURING WHEEL
Rev:08/21/18
9103/10 SENSATA-9103/10 Datasheet
136Kb / 2P
MEASURING WHEEL
Rev:08/21/18
More results

Similar Description - 9103

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1737 ETC2-1737 Datasheet
222Kb / 3P
Dual Range DC Power Supplies
9170 ETC2-9170 Datasheet
286Kb / 6P
Programmable Dual-Range DC Power Supplies
logo
B&K Precision Corporati...
9110 BK-9110 Datasheet
726Kb / 1P
Multi-Range 60 V DC Power Supplies
9115 BK-9115 Datasheet
742Kb / 5P
Multi-Range Programmable DC Power Supplies
1737 BK-1737 Datasheet
2Mb / 3P
Dual Range DC Power Supplies
MR25080 BK-MR25080 Datasheet
2Mb / 7P
High Voltage Multi-Range DC Power Supplies
9170 BK-9170 Datasheet
2Mb / 6P
Programmable Dual-Range DC Power Supplies
9200 BK-9200 Datasheet
2Mb / 4P
Multi-Range Programmable DC Power Supplies
9140 BK-9140 Datasheet
2Mb / 7P
Triple Output Multi-Range DC Power Supplies
9200B BK-9200B Datasheet
1Mb / 6P
Multi-Range Programmable DC Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com