Electronic Components Datasheet Search
  English  ▼

X  

8602 Datasheet(PDF) 8 Page - B&K Precision Corporation

Part # 8602
Description  Programmable DC Electronic Loads
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

8602 Datasheet(HTML) 8 Page - B&K Precision Corporation

  8602 Datasheet HTML 1Page - B&K Precision Corporation 8602 Datasheet HTML 2Page - B&K Precision Corporation 8602 Datasheet HTML 3Page - B&K Precision Corporation 8602 Datasheet HTML 4Page - B&K Precision Corporation 8602 Datasheet HTML 5Page - B&K Precision Corporation 8602 Datasheet HTML 6Page - B&K Precision Corporation 8602 Datasheet HTML 7Page - B&K Precision Corporation 8602 Datasheet HTML 8Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Programmable DC Electronic Loads
8600 Series
8
www.bkprecision.com
v111919
Specifications (cont.)
Model
8610
8612
8614
8616
8620
8622
8624
8625
Readback voltage
Range
Low
0 – 18 V
0 – 50 V
0 – 18 V
0 – 50 V
0 – 18 V
0 – 50 V
0 – 18 V
High
0 – 120 V
0 – 500 V
0 – 120 V
0 – 500 V
0 – 120 V
0 – 500 V
0 – 120 V
0 – 120 V
Resolution
Low
0.1 mV
1 mV
0.1 mV
1 mV
High
1 mV
10 mV
1 mV
10 mV
Accuracy
±(0.05% + 0.05% FS)
±(0.025% + 0.025% FS)
Readback current
Range
Low
0 – 12 A
0 – 3 A
0 – 24 A
0 – 6 A
0 – 48 A
0 – 10 A
0 – 60 A
0 – 72 A
High
0 – 120 A
0 – 30 A
0 – 240 A
0 – 60 A
0 – 480 A
0 – 100 A
0 – 600 A
0 – 720 A
Resolution
Low
1 mA
0.1 mA
1 mA
0.1 mA
1 mA
High
10 mA
1 mA
10 mA
1 mA
10 mA
Accuracy
±(0.05%+
0.1% FS)
±(0.05%+
0.05% FS)
±(0.05%+
0.1% FS)
±(0.05%+
0.05% FS)
±(0.05%+
0.1% FS)
±(0.05%+
0.05% FS)
±(0.05%+
0.1% FS)
Readback power
Range
750 W
1500 W
1200 W
3000 W
2500 W
4500 W
6000 W
Resolution
10 mW
100 mW
Accuracy
±(0.2% + 0.2% FS)
Protection range (typical)
OPP
760 W
1550 W
1250 W
3050 W
2550 W
4550 W
6050 W
OCP
Low
13.2 A
3.3 A
26.4 A
6.6 A
26.4 A
11 A
66 A
79.2 A
High
132 A
33 A
264 A
66 A
264 A
110 A
660 A
792 A
OVP
130 V
530 V
130 V
530 V
130 V
530 V
130 V
130 V
OTP
185 ºF (85 °C)
Short circuit (typical)
Current (CC)
Low
13.2 A
3.3 A
26.4 A
6.6 A
52.8 A
11 A
66 A
79.2 A
High
132 A
33 A
264 A
66 A
528 A
110 A
660 A
793 A
Voltage (CV)
0 V
Resistance (CR)
10 mΩ
120 mΩ
6 mΩ
60 mΩ
5 mΩ
30 mΩ
3 mΩ
2.5 mΩ
General (typical)
Input terminal impedance
300 kΩ
1 MΩ
300 kΩ
1 MΩ
300 kΩ
1 MΩ
300 kΩ
300 kΩ
AC input
110 V/220 V ±10%, 50/60 Hz
Operating temperature
32 ºF to 104 ºF (0 °C to 40 °C)
Storage temperature
14 ºF to 140 ºF (-10 °C to 60 °C)
Humidity
Indoor use, ≤ 95%
Safety
EN61010-1:2001, EU Low Voltage Directive 2006/95/EC
Electromagnetic
compatibility
Meets EMC Directive 2004/108/EC, EN 61000-3-2:2006, EN 61000-3-3:1995+A1:2001+A2:2005
EN 61000-4-2/-3/-4/-5/-6/-11, EN 61326-1:2006
Dimensions (W x H x D)
17.3” x 5.3” x 22.5” (439 x 133.3 x 580 mm)
17.3” x 10.5” x 23.2”
(439 x 266 x 590 mm)
Weight
54 lbs (24.6 kg)
142 lbs (64.4 kg)
Three-Year Warranty
Standard accessories
User manual, power cord, certificate of calibration & test report
Optional accessories
TLPWR1 high current test leads



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com