Electronic Components Datasheet Search
  English  ▼

X  

9104 Datasheet(PDF) 2 Page - B&K Precision Corporation

Part # 9104
Description  Multi-Range DC Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

9104 Datasheet(HTML) 2 Page - B&K Precision Corporation

  9104 Datasheet HTML 1Page - B&K Precision Corporation 9104 Datasheet HTML 2Page - B&K Precision Corporation 9104 Datasheet HTML 3Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Multi-Range DC Power Supplies
Models 9103 and 9104
2
www.bkprecision.com
Designed to Make Your
Work Easier
Fully Protected
Have peace of mind knowing that these power
supplies come with built-in OVP (overvoltage
protection), OTP (overtemperature protection),
and OCP (overcurrent protection) circuitry. These
protections help prevent serious damage to
equipment in case of power supply failure.
Analog Remote Control Capability
Use the included 8-pin connector to wire up to
an external variable DC voltage source or variable
resistor to remotely control the power supply’s
output voltage and current or to turn the
output on/off.
Custom Presets and Transient Mode
Operation
Use the front panel preset buttons to quickly
set and recall up to 3 different voltage and
current settings, to program the power supply
for transient mode operation and to output
bi-level square, triangular or trapezoidal
waveforms.
PC Connectivity
Control your instrument through remote
control PC software or use programming
commands to communicate with your
instrument.
Flexibility & Performance
Rotary encoder knobs for
quick and precise setting of
voltage and current
LED indicators for
constant voltage and
constant current modes
Bright, dual LED displays
Output terminal
Illuminated keypad with presets, menu,
lock, and output on/off functionality
USB
interface
Analog remote
control terminal
Thermostatically controlled
cooling fan
90 - 264 VAC Mains input
with fuse compartment
Remote sense terminal
compensates for the voltage
drop across output leads
Rear Panel
Front Panel
Square waveform
Trapezoidal waveform
Preset A: 10 V
Preset B: 5 V
1s
3s
3s 5s 8s 2s
Preset A: 5 V
Preset B: 0 V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com