Electronic Components Datasheet Search
  English  ▼

X  

8616 Datasheet(PDF) 3 Page - B&K Precision Corporation

Part # 8616
Description  Programmable DC Electronic Loads
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

8616 Datasheet(HTML) 3 Page - B&K Precision Corporation

  8616 Datasheet HTML 1Page - B&K Precision Corporation 8616 Datasheet HTML 2Page - B&K Precision Corporation 8616 Datasheet HTML 3Page - B&K Precision Corporation 8616 Datasheet HTML 4Page - B&K Precision Corporation 8616 Datasheet HTML 5Page - B&K Precision Corporation 8616 Datasheet HTML 6Page - B&K Precision Corporation 8616 Datasheet HTML 7Page - B&K Precision Corporation 8616 Datasheet HTML 8Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Programmable DC Electronic Loads
8600 Series
3
www.bkprecision.com
u
Models 8610, 8612, 8614, 8616, 8620, 8622 (3U)
Front panel
Rear panel
Bright dual-line display
The 8600 Series display shows both measured
input values and set parameters simultaneously.
Numeric
keypad
Function
keys
Cursor
keys
Operating
mode keys
Power
switch
GPIB
interface
RS232
interface
USB
interface
Input fuse
holder
Input
terminals
I/O terminal block
External trigger, external analog programming, external input
On/Off control, voltage fault pin, and remote sense terminals
Line voltage
selector
Cooling fan
AC line
input
Current monitor BNC output
Outputs a 0-10 V signal that follows
0-full range of the input current.
6U form factor models use the same front panel
interface as the 3U models
The rear panel configurations of 6U and 3U models are identical,
however the number of fans installed varies by model
u
Models 8624 & 8625 (6U)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com