Electronic Components Datasheet Search
  English  ▼

X  

8624 Datasheet(PDF) 1 Page - B&K Precision Corporation

Part # 8624
Description  Programmable DC Electronic Loads
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

8624 Datasheet(HTML) 1 Page - B&K Precision Corporation

  8624 Datasheet HTML 1Page - B&K Precision Corporation 8624 Datasheet HTML 2Page - B&K Precision Corporation 8624 Datasheet HTML 3Page - B&K Precision Corporation 8624 Datasheet HTML 4Page - B&K Precision Corporation 8624 Datasheet HTML 5Page - B&K Precision Corporation 8624 Datasheet HTML 6Page - B&K Precision Corporation 8624 Datasheet HTML 7Page - B&K Precision Corporation 8624 Datasheet HTML 8Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Data Sheet
Programmable DC Electronic Loads
8600 Series
Technical data subject to change
© B&K Precision Corp. 2019
www.bkprecision.com
The 8600 Series programmable DC electronic
loads provide the performance of modular system
DC electronic loads in a compact benchtop form
factor. With fast transient operation speeds and
high 16-bit measurement resolution, these
standalone DC loads can be used for testing and
evaluating a variety of DC sources such as DC
power supplies, DC-DC converters, batteries,
battery chargers, and photovoltaic arrays.
The DC loads can operate in constant current
(CC), constant voltage (CV), constant resistance
(CR), or constant power (CW) mode and be
configured to provide a dynamically changing
load to the DC source with fast load switching
times. Versatile internal, external, and remote
triggering options allow the dynamic load
behavior to be synchronized with other events.
Increase productivity by saving your test
parameters into any one of the 100 memory areas
for quick system recall. All load parameters such
as voltage, current, slew rate, and width can be
set via the front panel or programmed remotely.
The 8600 Series provides standard USB
(USBTMC-compliant), GPIB, or RS-232 serial
interfaces for remote communication.
To ensure the reliability of your testing, the 8600
Series provides a power-on system self-test and
numerous protection features: overtemperature
(OTP), overvoltage (OVP), overcurrent (OCP),
overpower (OPP), and local/remote reverse
voltage (LRV/RRV) protection.
Special applications
The 8600 Series provides a built-in battery
test mode to measure the ampere-hour (Ah)
characteristic of a battery and a unique
CR-LED mode to simulate the loading
behavior of a typical LED.
Features and Benefits (cont.)
n
Store and recall up to 100 setups
n
Adjustable slew rate in CC mode
n
Flexible triggering options via front panel,
external input, timer, or bus
n
Built-in battery test function with voltage level,
capacity level, and timer stop conditions
n
Test modes to validate the OCP/OPP
protection functions of a power supply
n
CR-LED mode to simulate the loading behavior
of typical LEDs
n
Remote sense
n
Analog current control and monitoring
n
Thermostatically controlled fan
n
Standard USB (USBTMC-compliant), RS232,
and GPIB interfaces supporting SCPI
commands for remote control
n
OVP/OCP/OPP/OTP including local and
remote reverse voltage (LRV/RRV) protection
Model
8600
8601
8602
8610
8612
8614
8616
8620
8622
8624
8625
Power
150 W
250 W
200 W
750 W
750 W
1500 W
1200 W
3000 W
2500 W
4500 W
6000 W
Operating
Voltage
0 – 120 V
0 – 120 V
0 – 500 V
0 – 120 V
0 – 500 V
0 – 120 V
0 – 500 V
0 – 120 V
0 – 500 V
0 – 120 V
0 – 120 V
Rated
Current
0 – 30 A
0 – 60 A
0 – 15 A
0 – 120 A
0 – 30 A
0 – 240 A
0 – 60 A
0 – 480 A
0 – 100 A
0 – 600 A
0 – 720 A
Form Factor
2U half-rack
3U
6U
Features and Benefits
n
Voltage range up to 500 V
n
Current range up to 720 A
n
CC/CV/CR/CW operating modes
n
16-bit voltage and current measurement
system providing 1 mV / 0.1 mA resolution
n
Transient mode up to 25 kHz in CC mode
n
List mode function
USB
RS232
GPIB
2U half-rack
3U
6U


Similar Part No. - 8624

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8624 FILTRAN-8624 Datasheet
138Kb / 1P
T1/CEPT Quad Port SMT Transformer Module with IC Side Protection
logo
List of Unclassifed Man...
8624 ETC2-8624 Datasheet
367Kb / 1P
LEVER ACTION PC CARD EJECTORS
logo
Belden Inc.
8624 BELDEN-8624 Datasheet
170Kb / 2P
Electronic, 19 C #16 Str TC, PVC Ins, PVC Jkt
05-05-2023
8624-0601000 BELDEN-8624-0601000 Datasheet
170Kb / 2P
Electronic, 19 C #16 Str TC, PVC Ins, PVC Jkt
05-05-2023
8624-060500 BELDEN-8624-060500 Datasheet
170Kb / 2P
Electronic, 19 C #16 Str TC, PVC Ins, PVC Jkt
05-05-2023
More results

Similar Description - 8624

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DTL3A ETC1-DTL3A Datasheet
286Kb / 5P
DIGITALLY PROGRAMMABLE, 2A/200V 100WATT, ELECTRONIC LOADS
DTL2A-LC ETC2-DTL2A-LC Datasheet
288Kb / 5P
100 Watt, Digitally Programmable Low-Voltage, Electronic Loads
logo
Murata Manufacturing Co...
DTL2A MURATA-DTL2A Datasheet
162Kb / 5P
100 Watt, Digitally Programmable Serial-Input, Electronic Loads
DTL2A-LC MURATA-DTL2A-LC Datasheet
161Kb / 5P
100 Watt, Digitally Programmable Low-Voltage, Electronic Loads
DTL3A MURATA-DTL3A Datasheet
90Kb / 5P
Digitally Programmable, 2A/200V 100 Watt, Electronic Loads
DTL4A MURATA-DTL4A Datasheet
89Kb / 5P
Digitally Programmable, 10A/150V 100 Watt, Electronic Loads
logo
List of Unclassifed Man...
BK8500 ETC-BK8500 Datasheet
443Kb / 6P
DC Electronic Loads 8500 series
8500 ETC2-8500 Datasheet
3Mb / 6P
DC Electronic Loads
logo
TEKTRONIX, INC.
2380 TEKTRONIX-2380 Datasheet
544Kb / 5P
Programmable DC Electronic Loads
logo
B&K Precision Corporati...
8500 BK-8500 Datasheet
3Mb / 6P
DC Electronic Loads
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com