Electronic Components Datasheet Search
  English  ▼

X  

9205 Datasheet(PDF) 3 Page - B&K Precision Corporation

Part # 9205
Description  Multi-Range Programmable DC Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

9205 Datasheet(HTML) 3 Page - B&K Precision Corporation

  9205 Datasheet HTML 1Page - B&K Precision Corporation 9205 Datasheet HTML 2Page - B&K Precision Corporation 9205 Datasheet HTML 3Page - B&K Precision Corporation 9205 Datasheet HTML 4Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.bkprecision.com
Multi-Range Programmable DC Power Supplies
9200 Series
3
Flexibility & Performance
Test sequence execution in list mode
The list mode feature lets users store, recall, and
run program sequences in the power supply’s
internal memory. A total of 10 list files can be
saved, each allowing a maximum of 150
configured steps. The test sequence can be
programmed from the front panel or remotely via
the USB, RS232, or GPIB interfaces. A list file
can be set to execute once or repeated multiple
cycles. Each step’s settings include voltage,
current, and duration.
PC software is provided for front panel emulation, generating and executing test sequences or logging
measurement data without the need to write source code.
Traditional power supplies with rectangular output characteristics are only able to deliver maximum output power at one voltage/current point. The multi-ranging
9200 Series provides greater flexibility over traditional power supplies by extending operating areas. For example, the 9206 can operate at 150 V/4 A, 60 V/10 A,
or any other point on the maximum power curve. These wide ranges of voltage and current allow users to replace multiple traditional power supplies on a bench or
system rack.
Built-in DVM and output timer
Additional features include a built-in DVM
capable of measuring up to 60 V DC and an
output timer function. The timer can be adjusted
from 0.1 – 99999.9 s and used to set up how
long the output is enabled when turned on.
600 W maximum
power curve
0
3.3A
6A
10A
15A
25A
60V
20V
24V
150V
60V
4A
0
10A
Model 9206 output characteristics
Models 9201 / 9202 / 9205 output characteristics
rated output voltage
rated output current
9201
9202
9205
Current
Voltage
Current
Voltage
Application software
I
Remote monitoring on iOS, Android, or Windows 8 compatible tablets or smartphones via NI Data
Dashboard for LabVIEW apps
I
Quickly develop a custom dashboard with indicators, charts, or gauges to monitor your power supply
I
Log voltage, current, and power values as well as timestamp, CV/CC mode, and output status
I
Save and load list files to and from the power supply’s internal memory or a PC
Multi-Range Operation



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com