Electronic Components Datasheet Search
  English  ▼

X  

9182 Datasheet(PDF) 6 Page - B&K Precision Corporation

Part # 9182
Description  Programmable Dual-Range DC Power Supplies
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

9182 Datasheet(HTML) 6 Page - B&K Precision Corporation

  9182 Datasheet HTML 1Page - B&K Precision Corporation 9182 Datasheet HTML 2Page - B&K Precision Corporation 9182 Datasheet HTML 3Page - B&K Precision Corporation 9182 Datasheet HTML 4Page - B&K Precision Corporation 9182 Datasheet HTML 5Page - B&K Precision Corporation 9182 Datasheet HTML 6Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
v08
2218
6
www.bkprecision.com
Programmable Dual-Range DC Power Supplies
9170 & 9180 series
Specifications
(cont.)
9171
9172
9173
9174
9181
9182
9183
9184
9185
Supplemental Characteristics
Dimensions
(W x H x D)
8.3” x 3.4” x 16.3”
(210 x 87 x 415 mm)
8.3” x 5.1” x 16.3”
(210 x 130.5 x 415 mm)
8.3” x 3.4” x 16.3”
(210 x 87 x 415 mm)
8.3” x 5.1” x 16.3”
(210 x 130.5 x 415 mm)
Rack Mount Height
2U
3U
2U
3U
Weight
17 lbs
(7.7 kg)
23.1 lbs
(10.5 kg)
17 lbs
(7.7 kg)
26.4 lbs
(12 kg)
24.2 lbs
(11 kg)
23.lbs
(10.5 kg)
Safety
EN61010-1:2001, EU Low Voltage Directive 2006/95/EC
Electromagnetic
Compatibility
Meets EMC Directive 2004/108/EC, EN61326-1:2006
Standard Interface
USB
AC Input
115/230 VAC ± 10%, 47 Hz - 63 Hz
Environmental
Operating Temperature
0 °C - 40 °C, < 75% R.H.
Storage Temperature
-10 °C - 70 °C, < 85% R.H.
Three-Year Warranty
Accessories Included
AC power cord, USB cable (type A to type B), line fuse, certificate of calibration and test report
Note: All specifications apply to the unit after a temperature stabilization time of 15 minutes over an ambient temperature range of 23 °C ± 5 °C.
Order information for instrument options
Interface cards
Description
DRGL
GPIB/LAN card
DR1DIO
Single channel digital I/O and analog control card
DR2DIO
Dual channel digital I/O and analog control card
DRRS485
RS485 interface card
DRRS232
RS232 interface card
Single channel models: 9171, 9172, 9181, 9182, 9183, 9184, 9185
Dual channel models: 9173, 9174
Rackmount kits
Description
DRRM2U1
Rackmount kit for one 2U instrument
DRRM2U2
Rackmount kit for two 2U instruments mounted side by side
DRRM3U1
Rackmount kit for one 3U instrument
DRRM3U2
Rackmount kit for two 3U instruments mounted side by side
2U size models: 9171, 9172, 9181
3U size models: 9173, 9174, 9182, 9183, 9184, 9185
Note: All options can be installed by the user and purchased at any time, either together with the instrument or after.
LAN/GPIB card
RS485 card
RS232 card
Single and dual channel digital I/O
analog input control cards
Interface Card Options



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com