Electronic Components Datasheet Search
  English  ▼

X  

RSL10SIP Datasheet(PDF) 13 Page - ON Semiconductor

Part # RSL10SIP
Description  Bluetooth 5 System-in-Package (SiP)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

RSL10SIP Datasheet(HTML) 13 Page - ON Semiconductor

Back Button RSL10SIP Datasheet HTML 9Page - ON Semiconductor RSL10SIP Datasheet HTML 10Page - ON Semiconductor RSL10SIP Datasheet HTML 11Page - ON Semiconductor RSL10SIP Datasheet HTML 12Page - ON Semiconductor RSL10SIP Datasheet HTML 13Page - ON Semiconductor RSL10SIP Datasheet HTML 14Page - ON Semiconductor RSL10SIP Datasheet HTML 15Page - ON Semiconductor RSL10SIP Datasheet HTML 16Page - ON Semiconductor RSL10SIP Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
RSL10 SIP
www.onsemi.com
13
ANTENNA SPECIFICATIONS
The antenna performance of the RSL10 SIP depends on the size of the ground plane on which it is mounted. Figure 5 shows
an overview of different ground plane sizes with expected antenna return losses shown in Figure 6.
Figure 5. PCB ground planes. 1) 50x60, 2) 40x60, 3) 30x60, 4) 25x60, 5) 12.5x60. All sizes in mm
1
50 x 60mm
2
40 x 60mm
3
30 x 60mm
4
25 x 60mm
5
25 x 25mm
6
12.4 x 60mm
Figure 6. Antenna Efficiency vs. PCB Size
0.00
10.00
20.00
30.00
40.00
50.00
60.00
70.00
80.00
12345
6
Efficiency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com