Electronic Components Datasheet Search
  English  ▼

X  

MMBT2131T3 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MMBT2131T3
Description  General Purpose Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT2131T3 Datasheet(HTML) 3 Page - ON Semiconductor

  MMBT2131T3 Datasheet HTML 1Page - ON Semiconductor MMBT2131T3 Datasheet HTML 2Page - ON Semiconductor MMBT2131T3 Datasheet HTML 3Page - ON Semiconductor MMBT2131T3 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MMBT2131T1 MMBT2131T3
3–3
Motorola Bipolar Power Transistor Device Data
0.5
0.2
0.1
0.05
0.02
0.01
Figure 7. Collector–Emitter Saturation Voltage
Figure 8. VBE(on) Voltage
Figure 9. Thermal Response Curve
1.0
0.1
IC, COLLECTOR CURRENT (A)
0.6
0.4
0.2
0.3
0.01
0.0001
TIME (sec)
1.0
0.01
0.1
0
0.001
1.0
0.0001
IC, COLLECTOR CURRENT (A)
1.0
0.75
0.5
0.25
0
0.001
0.01
VCE = 1.0 V
0.5
0.1
0.1
0.1
1.0
10
100
IC/IB = 100
T = 85
°C
25
°C
0
°C
150
°C
25
°C
–40
°C
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1 (SEE AN569)
Z
θJA(t) = r(t) RθJA
TJ(pk) – TA = P(pk) Z
θJA(t)
DUTY CYCLE, D = t1/t2
t1
t2
P(pk)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com