Electronic Components Datasheet Search
  English  ▼

X  

ASR Datasheet(PDF) 1 Page - Mitsumi Electronics, Corp.

Part # ASR
Description  Worldwide Input System Compact type AC Adaptors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

ASR Datasheet(HTML) 1 Page - Mitsumi Electronics, Corp.

  ASR Datasheet HTML 1Page - Mitsumi Electronics, Corp. ASR Datasheet HTML 2Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MITSUMI
Adaptors, Chargers/Switching Power Supplies
• Any products mentioned in this catalog are subject to any modification in their appearance and others for improvements without prior notification.
• The details listed here are not a guarantee of the individual products at the time of ordering. When using the products, you will be asked to check their specifications.
Worldwide Input System Compact type AC Adaptors
ASR Series
FEATURES
1. Standard Mitsumi Case.
2. Worldwide Input voltages are supported
(AC100~240V).
3. Output specifications can be customized.
USES
1. Liquid crystal television.
2. Audio device.
3. PC peripherals.
SPECIFICATIONS
Item
Specifications
Input voltage
AC100~240V
Output capacity
60W
Applicable regions
Japan, North America, Europe
Safety standards
Electrical Appliance and Materials Safety Law (Japan),
UL1310/UL1492, UL/EN60950, UL/EN600065
External dimensions
150(W)×72(D)×48(H) mm


Similar Part No. - ASR

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
ASR SEI-ASR Datasheet
728Kb / 9P
Anti-Surge Resistor
06/30/2021
logo
Advantech Co., Ltd.
ASR-1000K ADVANTECH-ASR-1000K Datasheet
497Kb / 1P
Flexible Expansion Module Fulfilling Various JBOD Demands
13-Sep-2017
ASR-1000K ADVANTECH-ASR-1000K Datasheet
496Kb / 1P
Flexible Expansion Module Fulfilling Various JBOD Demands
27-Jun-2018
ASR-1000K-00A1E ADVANTECH-ASR-1000K-00A1E Datasheet
497Kb / 1P
Flexible Expansion Module Fulfilling Various JBOD Demands
13-Sep-2017
ASR-1000K-00A1E ADVANTECH-ASR-1000K-00A1E Datasheet
496Kb / 1P
Flexible Expansion Module Fulfilling Various JBOD Demands
27-Jun-2018
More results

Similar Description - ASR

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
ADP-G2 MITSUMI-ADP-G2 Datasheet
48Kb / 2P
5W Small AC Adaptors with Worldwide Input
ASR04 MITSUMI-ASR04 Datasheet
157Kb / 2P
Worldwide Input System Compact type AC Adaptors
logo
Delta Electronics, Inc.
DRP048V060W1BX DELTA-DRP048V060W1BX Datasheet
1Mb / 15P
Worldwide AC input range without power de-rating
DRP048V240W1BX DELTA-DRP048V240W1BX Datasheet
1Mb / 15P
Worldwide AC input range without power de-rating
logo
Mitsumi Electronics, Co...
ADP-W3 MITSUMI-ADP-W3 Datasheet
150Kb / 2P
4W AC Adaptors with Worldwide Input
ADP-W5 MITSUMI-ADP-W5 Datasheet
359Kb / 2P
3W Small AC Adaptors with Worldwide Input
ADP-G3 MITSUMI-ADP-G3 Datasheet
108Kb / 2P
10W AC Adaptors with Worldwide Input
ADP-G4 MITSUMI-ADP-G4 Datasheet
148Kb / 2P
36W small AC adaptors with worldwide input voltage
ADP-USB-G4 MITSUMI-ADP-USB-G4 Datasheet
79Kb / 2P
7.5W AC Adaptors with World Wide Input
ADP-USB-W2 MITSUMI-ADP-USB-W2 Datasheet
214Kb / 2P
5W USB Output AC Adaptor with Worldwide Input
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com