Electronic Components Datasheet Search
  English  ▼

X  

TSZ182H Datasheet(PDF) 5 Page - STMicroelectronics

Part # TSZ182H
Description  Automotive-grade, very high accuracy (25 μV), high bandwidth (3 MHz), high temperature (150 °C), zero-drift operational amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ182H Datasheet(HTML) 5 Page - STMicroelectronics

  TSZ182H Datasheet HTML 1Page - STMicroelectronics TSZ182H Datasheet HTML 2Page - STMicroelectronics TSZ182H Datasheet HTML 3Page - STMicroelectronics TSZ182H Datasheet HTML 4Page - STMicroelectronics TSZ182H Datasheet HTML 5Page - STMicroelectronics TSZ182H Datasheet HTML 6Page - STMicroelectronics TSZ182H Datasheet HTML 7Page - STMicroelectronics TSZ182H Datasheet HTML 8Page - STMicroelectronics TSZ182H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Cs
Channel separation
f = 1 kHz
120
dB
tinit
Initialization time, G = 100(5)
T = 25 °C
60
µs
Tmin < T < Tmax
100
1. Input offset measurements are performed on x100 gain configuration. The amplifiers and the gain setting resistors are at the
same temperature.
2. Guaranteed by design.
3. CMR is defined as 20xLOG(∆Vicm/∆Vio).
4. Slew rate value is calculated as the average between positive and negative slew rates.
5. Initialization time is defined as the delay between the moment when supply voltage exceeds 2.2 V and output voltage
stabilization.
TSZ182H
Electrical characteristics
DS13229 - Rev 1
page 5/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com