Electronic Components Datasheet Search
  English  ▼

X  

WST2035 Datasheet(PDF) 3 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WST2035
Description  P-Ch MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WST2035 Datasheet(HTML) 3 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WST2035 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST2035 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST2035 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST2035 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST2035 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
WST2035
P-Ch MOSFET
Page 3
www.winsok.tw
Dec.2014
Typ
Tiicall Ch
Charactteris
i titics
-0.0
-0.5
-2.5
-3.0
-0
-5
-10
-15
-20
-0
-10
30
40
50
60
-0.0
-1.0
-0.0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1.4
-1.6
-0.0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1E-5
-1E-4
-1E-3
-0.01
-0.1
-1
-10
25
50
75
100
125
-0.0
-0.1
-0.2
-0.3
-0.4
-0.5
-0.6
-0.7
-0.8
-0.9
-2
-3
-4
-8
-9
-10
20
30
40
50
60
70
80
V
GS=-8.0V
-4.5V
-2.5V
-2.0V
-1.0
-1.5
-2.0
DRAIN TO SOURCE VOLTAGE V
DS
(V)
Pulsed
V
GS=-1.5V
-2
-4
-6
-8
GATE TO SOURCE VOLTAGE V
GS
(V)
I
D=-4A
Ta=25℃
Pulsed
——
V
GS
R
DS(ON)
-0.2
-0.4
-0.6
-0.8
GATE TO SOURCE VOLTAGE V
GS
(V)
V
DS=-16V
Pulsed
T
a=100
℃
T
a=25
℃
Transfer Characteristics
SOURCE TO DRAIN VOLTAGE V
SD
(V)
Ta=25℃
Pulsed
V
SD
I
S
——
Output Characteristics
JUNCTION TEMPERATURE T
J
(℃)
I
D=-250uA
Threshold Voltage
VGS=-1.8V
VGS=-2.5V
VGS=-4.5V
Ta=25℃
Pulsed
I
D
——
R
DS(ON)
-5
-6
-7
DRAIN CURRENT I
D
(A)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com