Electronic Components Datasheet Search
  English  ▼

X  

WST2088 Datasheet(PDF) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WST2088
Description  N-Ch MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WST2088 Datasheet(HTML) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WST2088 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST2088 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST2088 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST2088 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST2088 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST2088 Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=250uA
20
---
---
V
△
BVDSS/△TJ BVDSS Temperature Coefficient
Reference to 25℃ , ID=1mA
---
0.018
---
V/℃
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=4.5V , ID=
6A
---
9
13
m
Ω
VGS=2.5V , ID=
5A
---
10
19
VGS(th)
Gate Threshold Voltage
VGS=VDS , ID =250uA
0.5
---
1.3
V
IDSS
Drain-Source Leakage Current
VDS=16V , VGS=0V.
---
---
10
uA
IGSS
Gate-Source Leakage Current
VGS=±12V , VDS=0V
---
---
±
100
nA
Qg
Total Gate Charge
VDS=15V , VGS=4.5V , ID=
6A
---
16
---
nC
Qgs
Gate-Source Charge
---
3
---
Qgd
Gate-Drain Charge
---
4.5
---
Td(on)
Turn-On Delay Time
VDS=10V , VGS=4.5V ,
RG=3.3Ω ID=
1A
---
10
---
ns
Tr
Rise Time
---
13
---
Td(off)
Turn-Off Delay Time
---
28
---
Tf
Fall Time
---
7
---
Ciss
Input Capacitance
VDS=15V , VGS=0V , f=1MHz
---
2400
---
pF
Coss
Output Capacitance
---
170
---
Crss
Reverse Transfer Capacitance
---
135
---
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VSD
Diode Forward Voltage
VGS=0V , IS=
1A
---
---
1.2
V
trr
Reverse Recovery Time
IF=
1A , VGS=0V,
dI/dt=100A/µs
---
8.5
---
nS
Qrr
Reverse Recovery Charge
---
2.5
---
nC
Electrical Characteristics (TJ=25 ℃, unless otherwise noted)
Diode Characteristics
WST2088
N-Ch MOSFET
Page 2
www.winsok.tw
Dec.2014
Notes:
1.Pulse width limited by Max. junction temperature.
2.Pulse test
3.Surface mounted on 1 in2 copper pad of FR4 board, t <10sec ; 60
℃/W at steady state.
4.Starting Tj=25oC , VDD=20V , L=0.1mH , RG=25Ω, VGS=10V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com