Electronic Components Datasheet Search
  English  ▼

X  

WST2304 Datasheet(PDF) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WST2304
Description  N-Ch MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WST2304 Datasheet(HTML) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WST2304 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST2304 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST2304 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST2304 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST2304 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
20
V
VGS
Gate-Sou
rce Voltage
±
8
V
ID@Tc=25℃
Continuous Drain Current, VGS @ 4.5V
1
6.3
A
ID@Tc=70℃
Continuous Drain Current, VGS @ 4.5V
1
5.0
A
IDM
Pulsed Drain Current
2
22
A
PD@TA=25℃
Total Power Dissipation
3
1.
0
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction-ambient
1
---
110
℃
/W
RθJC
Thermal Resistance Junction-Case
1
---
70
℃
/W
BVDSS
RDSON
ID
20V
20mΩ
6.3A
Advanced high cell density Trench technology
Super Low Gate Charge
Excellent Cdv/dt effect decline
Green Device Available
General Description
Features
Applications
Power management in portable and battery
operated products
One cell battery pack protection
Load Switch
Absolute Maximum Ratings
Thermal Data
SOT-23N Pin Configuration
Product Summery
WST2304
Page 1
www.winsok.tw
Dec.2014
The WST2304 is the highest performance trench
N-ch MOSFET with extreme high cell density ,
which provide excellent RDSON and gate charge
for most of the small power switching and load
switch applications.
The WST2304 meet the RoHS and Green
Product requirement with full function reliability
approved.
N-Ch MOSFET


Similar Part No. - WST2304

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WST2300 WIINSOK-WST2300 Datasheet
985Kb / 5P
N-Ch MOSFET
WST2301 WIINSOK-WST2301 Datasheet
893Kb / 5P
P-Ch MOSFET
WST2303 WIINSOK-WST2303 Datasheet
869Kb / 5P
P-Ch MOSFET
logo
VBsemi Electronics Co.,...
WST2303 VBSEMI-WST2303 Datasheet
471Kb / 9P
P-Channel 20-V (D-S) MOSFET
WST2303S VBSEMI-WST2303S Datasheet
471Kb / 9P
P-Channel 20-V (D-S) MOSFET
More results

Similar Description - WST2304

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSC5N20 WIINSOK-WSC5N20 Datasheet
617Kb / 5P
N-Ch MOSFET
WSD45N10GKDN56 WIINSOK-WSD45N10GKDN56 Datasheet
2Mb / 6P
N-Ch MOSFET
WSD2050DN WIINSOK-WSD2050DN Datasheet
2Mb / 6P
N-Ch MOSFET
WSD4046GDN WIINSOK-WSD4046GDN Datasheet
1Mb / 6P
N-Ch MOSFET
WSD4070DN WIINSOK-WSD4070DN Datasheet
1Mb / 7P
N-Ch MOSFET
WSD30140DN56 WIINSOK-WSD30140DN56 Datasheet
873Kb / 6P
N-Ch MOSFET
WSF15N10 WIINSOK-WSF15N10 Datasheet
779Kb / 5P
N-Ch MOSFET
WSF15N10A WIINSOK-WSF15N10A Datasheet
2Mb / 5P
N-Ch MOSFET
WSF25N10 WIINSOK-WSF25N10 Datasheet
1Mb / 5P
N-Ch MOSFET
WSF40N10A WIINSOK-WSF40N10A Datasheet
1Mb / 6P
N-Ch MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com