Electronic Components Datasheet Search
  English  ▼

X  

NFAM2012L5BT Datasheet(PDF) 6 Page - ON Semiconductor

Part # NFAM2012L5BT
Description  Intelligent Power Module (IPM) 1200 V, 20 A
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NFAM2012L5BT Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NFAM2012L5BT Datasheet HTML 2Page - ON Semiconductor NFAM2012L5BT Datasheet HTML 3Page - ON Semiconductor NFAM2012L5BT Datasheet HTML 4Page - ON Semiconductor NFAM2012L5BT Datasheet HTML 5Page - ON Semiconductor NFAM2012L5BT Datasheet HTML 6Page - ON Semiconductor NFAM2012L5BT Datasheet HTML 7Page - ON Semiconductor NFAM2012L5BT Datasheet HTML 8Page - ON Semiconductor NFAM2012L5BT Datasheet HTML 9Page - ON Semiconductor NFAM2012L5BT Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
NFAM2012L5BT
www.onsemi.com
6
Table 4. RECOMMENDED OPERATING RANGES (Note 4) (continued)
Rating
Unit
Max
Typ
Min
Conditions
Symbol
Allowable r.m.s. Current
Io
VPN = 600 V,
VDD = VBS = 15 V,
P.F. = 0.8,
Tc ≤ 125°C, Tj ≤ 150°C,
(Note 5)
fPWM =
5 kHz
−
−
18.1
A rms
fPWM =
15 kHz
−
−
9.4
Allowable Input Pulse Width
PWIN (on)
400 V ≤ VPN ≤ 800 V,
13.5 V ≤ VDD ≤ 16.5 V,
13.0 V ≤ VBS ≤ 18.5 V,
−40°C ≤ Tc ≤ 150°C
2.0
−
−
ms
PWIN (off)
2.5
−
−
Package Mounting Torque
M3 Type Screw
0.6
0.7
0.9
Nm
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.
4. Allowable r.m.s Current depends on the actual conditions.
5. Flatness tolerance of the heatsink should be within −50 mm to +100 mm.
Table 5. ELECTRICAL CHARACTERISTICS (Tc = 25°C, VD = 15 V, unless otherwise noted) (Note 6) (continued)
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
INVERTER SECTION
Collector−Emitter Leakage
Current
Vce = Vces, Tj = 25°C
Ices
−
−
1
mA
Vce = Vces, Tj = 150°C
−
−
10
mA
Collector−Emitter Saturation
Voltage
VDD = VBS = 15 V, IN = 5 V
Ic = 20 A, Tj = 25°C
VCE(sat)
−
1.85
2.5
V
VDD = VBS = 15 V, IN = 5 V
Ic = 20 A, Tj = 150°C
−
2.00
−
V
FWDi Forward Voltage
IN = 0 V, If = 20 A, Tj = 25°C
VF
−
1.90
2.5
V
IN = 0 V, If = 20 A, Tj = 150°C
−
1.70
−
V
High Side
Switching Times
VPN = 600 V, VDD(H) = VDD(L) = 15 V
Ic = 20 A, Tj = 25°C, IN = 0 ⇔ 5V
Inductive Load
ton
0.80
1.40
2.00
ms
tc (on)
−
0.30
0.60
ms
toff
−
1.90
2.70
ms
tc (off)
−
0.20
0.60
ms
trr
−
0.40
−
ms
Low Side
Switching Times
VPN = 600 V, VDD(H) = VDD(L) = 15 V
Ic = 20 A, Tj = 25°C, IN = 0 ⇔ 5V
Inductive Load
ton
0.90
1.50
2.10
ms
tc (on)
−
0.30
0.60
ms
toff
−
2.00
2.80
ms
tc (off)
−
0.20
0.60
ms
trr
−
0.40
−
ms
DRIVER SECTION
Quiescent VDD Supply Current
VDD(UH,VH,WH) = 15 V,
HIN(U,V,W) = 0 V
VDD(UH) − VSS
VDD(VH) − VSS
VDD(WH) − VSS
IQDDH
−
−
0.30
mA
VDD(L) = 15 V,
LIN(U, V, W) = 0 V
VDD(L) − VSS
IQDDL
−
−
3.50
mA
Operating VDD Supply Current
VDD(UH, VH, WH) = 15 V,
fPWM = 20 kHz, Duty = 50%,
Applied to one PWM Signal Input
for High−Side
VDD(UH) − VSS
VDD(VH) − VSS
VDD(WH) − VSS
IPDDH
−
−
0.40
mA
VDD(L) = 15 V,
fPWM = 20 kHz, Duty = 50%,
Applied to one PWM Signal Input
for Low−Side
VDD(L) − VSS
IPDDL
−
−
9.00
mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com