Electronic Components Datasheet Search
  English  ▼

X  

ASM5I9658 Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # ASM5I9658
Description  3.3V 1:10 LVCMOS PLL Clock Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM5I9658 Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  ASM5I9658 Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM5I9658 Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM5I9658 Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM5I9658 Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM5I9658 Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM5I9658 Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM5I9658 Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM5I9658 Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM5I9658 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
July 2005
ASM5I9658
rev 0.2
3.3V 1:10 LVCMOS PLL Clock Generator
5 of 14
Notice: The information in this document is subject to change without notice.
Table 5: DC CHARACTERISTICS (VCC = 3.3V ± 5%, TA = 0°C to 70°C)
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
VIH
Input high voltage
2.0
VCC +0.3
V
LVCMOS
VIL
Input low voltage
0.8
V
LVCMOS
VPP
Peak-to-peak input voltage
(PCLK)
250
mV
LVPECL
VCMR
1
Common Mode Range
(PCLK)
1.0
VCC-0.6
V
LVPECL
VOH
Output High Voltage
2.4
V
IOH=-24 mA
2
VOL
Output Low Voltage
3
0.55
0.30
V
V
IOL=24mA
IOL=12mA
ZOUT
Output impedance
14 -17
Ω
IIN
Input Current
4
±200
µA
VIN=VCC or GND
ICC_PLL
Maximum PLL Supply Current
12
15
mA
VCC_PLL Pin
ICCQ
Maximum Quiescent Supply Current
13
15
mA
All VCC Pins
Note: 1. VCMR (DC) is the cross point of the differential input signal. Functional operation is obtained ,when the crosspoint is within the VCMR
range and the input swing lies within the VPP (DC) specification.
2.The ASM3P9658 is capable of driving 50Ωtransmission lines on the incident edge. Each output drives one 50Ωparallel terminated
transmission line to a termination voltage of VTT. Alternatively, the device drives up to two 50Ωseries terminated transmission lines.
3.The ASM5I9658 output levels are compatible to the MPC958 output levels.
4.Inputs have pull-down or pull-up resistors affecting the input current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com