Electronic Components Datasheet Search
  English  ▼

X  

COM-2PD-LPE Datasheet(PDF) 3 Page - Contec Co., Ltd

Part # COM-2PD-LPE
Description  RS-422A/485 2ch Serial I/O Board with Isolation for PCI Express Low Profile
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONTEC [Contec Co., Ltd]
Direct Link  https://www.contec.com/
Logo CONTEC - Contec Co., Ltd

COM-2PD-LPE Datasheet(HTML) 3 Page - Contec Co., Ltd

  COM-2PD-LPE Datasheet HTML 1Page - Contec Co., Ltd COM-2PD-LPE Datasheet HTML 2Page - Contec Co., Ltd COM-2PD-LPE Datasheet HTML 3Page - Contec Co., Ltd COM-2PD-LPE Datasheet HTML 4Page - Contec Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Ver.1.02
COM-2PD-LPE
3
Falf-duplex (Setting Switch Circuits)
Falf-duplex (Connecting the RTS, CTS to the remote device)
The figure below shows the circuit associated with the data transfer
mode setting switch and terminator setting switch.
External Connection
Check the information available here when connecting an external
device. In addition to connecting directly to the connector on the board,
you can also connect external devices via a distribution cable or
distribution unit.
- Connecting directly to the port connector.
- Using a distribution cable
When using a COM-2PD-LPE, an alternative to connecting an external
device directly to the connector on the board is to use a connection
conversion cable.
Using the 9-pin D-SUB Connector Conversion Cables
Use a PCE44/9P2S connection conversion cable (purchased separately) to
connect to external devices after dividing into two 9-pin D-SUB male
connector channels.
The SG lines for CH1 – CH2 of the option cable are not connected to the
cable shielding. However, the frame of each connector is connected to
the shielding. This means that the cable shielding is connected to the
body of the PC via the frame of the interface connector.
Note that the option cable is not a twisted-pair cable.
Connecting it directly from the on-board connector
If connecting an external device directly from the connector on the
board, use an connector for creating your own cables.
Pin Assignment
Pin Assignments of Interface Connector
Pin No.
Signal name
Pin No.
Signal name
Pin No.
Signal name
44
SG1
30
CTS1-
15
RxD1+
43
RTS1-
29
RTS1+
14
RxD1-
42
TxD1-
28
CTS1+
13
TxD1+
41
N.C.
27
N.C.
12
N.C.
40
SG2
26
CTS2-
11
RxD2+
39
RTS2-
25
RTS2+
10
RxD2-
38
TxD2-
24
CTS2+
9
TxD2+
37
N.C.
23
N.C.
8
N.C.
36
N.C.
22
N.C.
7
N.C.
35
N.C.
21
N.C.
6
N.C.
34
N.C.
20
N.C.
5
N.C.
33
N.C.
19
N.C.
4
N.C.
32
N.C.
18
N.C.
3
N.C.
31
N.C.
17
N.C.
2
N.C.
---------
16
N.C.
1
N.C.
RxD
TxD
Terminator (Bit9)
Terminator (Bit7)
Terminator (Bit7)
Terminator (Bit9)
TxD
RxD
Not inserted
Inserted
SW2, SW3
MODE
TERM
RxD TxD
CTS RTS
SW2, SW3
MODE
TERM
RxD TxD
CTS RTS
Set the RTS, CTS terminator to OFF.
ON
1 2 3 4 5 6 7 8 9 10
ON
1 2 3 4 5 6 7 8 9 10
RxD
TxD
Terminator (Bit9)
Terminator (Bit7)
Terminator (Bit7)
Terminator (Bit9)
TxD
RxD
CTS
RTS
Terminator (Bit0)
Terminator (Bit8)
Terminator (Bit8)
Terminator (Bit0)
CTS
Not inserted
Inserted
SW2, SW3
MODE
TERM
RxD TxD
CTS RTS
SW2, SW3
MODE
TERM
RxD TxD
CTS RTS
RTS
ON
1 2 3 4 5 6 7 8 9 10
ON
1 2 3 4 5 6 7 8 9 10
TxD+
TxD-
RxD+
RxD-
CTS+
CTS-
RTS+
RTS-
RTS
DCD
DTR
DSR
RI
CTS
SIN
SOUT
162850
or equivalent to it
Terminator
1/2W 100Ω
7
910
8
Terminator
Data transfer mode
- Connector used
44-pin D-SUB, male connector
Thumb screw :
UNC #4-40 (inch screw)
TxD1-
TxD1+
RTS1-
RTS1+
SG1
9
8
7
6
RxD1-
RxD1+
CTS 1+
CTS 1-
5
4
3
2
1
CH1
TxD2-
TxD2+
RTS2-
RTS2+
SG2
9
8
7
6
RxD2-
RxD2+
CTS 2+
CTS 2-
5
4
3
2
1
CH2
CH1
CH2
- Cable
9-conductor shielded cable
Cable length : 250mm
Conductor size : AWG#28
- Connector used
9-pin D-SUB, male connector
Thumb screw : UNC#4-40(inch screw)
- Applicable connectors
17JE-13090-02(D8C) (mfd. by DDK, Female)
CAUTION
44
31
15
1
30
16
Screw nut: UNC#4-40(inch screw)
- Connector used
44-pin D-SUB, female connector
103A-44FGTBBB3(mfd. by COXOC)equivalent
- Applicable connector
101A-44MGTAAA3(mfd. by COXOC, Male)
CN5-D44M (mfd. by CONTEC, Male) (Five connector set)
CN1
15
30
44
31 16 1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com