Electronic Components Datasheet Search
  English  ▼

X  

COM-2PH Datasheet(PDF) 4 Page - Contec Co., Ltd

Part # COM-2PH
Description  RS-232C 2ch Serial I/O Board with Isolation
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONTEC [Contec Co., Ltd]
Direct Link  https://www.contec.com/
Logo CONTEC - Contec Co., Ltd

COM-2PH Datasheet(HTML) 4 Page - Contec Co., Ltd

  COM-2PH Datasheet HTML 1Page - Contec Co., Ltd COM-2PH Datasheet HTML 2Page - Contec Co., Ltd COM-2PH Datasheet HTML 3Page - Contec Co., Ltd COM-2PH Datasheet HTML 4Page - Contec Co., Ltd COM-2PH Datasheet HTML 5Page - Contec Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
COM-2P(PCI)H,COM-4P(PCI)H
Ver.2.20
When using a COM-4P(PCI)H, an alternative to connecting an external device directly to the connector on the board is to use a connection
conversion cable.
Use a PCE37/9PS connection conversion cable (purchased separately) to connect to external devices after dividing into four 9-pin D-SUB male
connector channels.
Use cable suitable for use with 9-pin D-SUB connectors (purchase separately) with the four divided connectors.
.
.
.
.
SG 1
DTR 1
TxD 1
RxD 1
DCD 1
9
8
7
6
RI 1
CTS 1
RTS 1
DSR 1
5
4
3
2
1
CH
1
SG 4
DTR 4
TxD 4
RxD 4
DCD 4
9
8
7
6
RI 4
CTS 4
RTS 4
DSR 4
5
4
3
2
1
CH
4
CH1
CH2
CH3
CH4
- Connector used
37-pin D-SUB, male connector
Thumb screw :
UNC #4-40 (inch screw)
- Connector used
9-pin D-SUB, male connector
Thumb screw : UNC#4-40(inch screw)
- Applicable connectors
17JE-13090-02(D8C) (mfd. by DDK, Female)
- Cable
9-conductor shielded cable
Cable length : 250mm
Conductor size : AWG#28
Connection Conversion Cable (37M 9M x 4, 250mm)
: PCE37/9PS
RS-232C Straight Cable with D-SUB9P (1.8m)
: RSS-9M/F
RS-232C Cross Cable with D-SUB9P (1.8m)
: RSC-9F
Use a PCE37/25PS connection conversion cable (purchased separately) to connect to external devices after dividing into four 25-pin D-SUB
male connector channels.
Use cable suitable for use with 25-pin D-SUB connectors (purchase separately) with the four divided connectors.
CH1
CH2
CH3
CH4
.
.
.
.
CH1
CH4
- Connector used
37-pin D-SUB, male connector
Thumb screw :
UNC #4-40 (inch screw)
- Connector used
25-pin D-SUB, male connector
Thumb screw : UNC#4-40(inch screw)
- Applicable connectors
17JE-13250-02(D8C) (mfd. by DDK, Female)
- Cable
9-conductor shielded cable
Cable length : 250mm
Conductor size : AWG#28
N.C.
N.C.
N.C.
N.C.
N.C.
DCD 1
SG1
DSR 1
CTS 1
RTS 1
RxD 1
TxD 1
N.C.
25
24
23
22
21
20
19
18
17
16
15
14
N.C.
N.C.
N.C.
RI 1
N.C.
DTR 1
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
13
12
11
10
9
8
7
6
5
4
3
2
1
N.C.
N.C.
N.C.
N.C.
N.C.
DCD 4
SG 4
DSR 4
CTS 4
RTS 4
RxD 4
TxD 4
N.C.
25
24
23
22
21
20
19
18
17
16
15
14
N.C.
N.C.
N.C.
RI 4
N.C.
DTR 4
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
13
12
11
10
9
8
7
6
5
4
3
2
1
Connection Conversion Cable (37M 25M x 4, 250mm)
: PCE37/25PS
RS-232C Straight Cable with D-SUB25P (1.8m)
: RSS-25M/9F
RS-232C Cross Cable with D-SUB25P (1.8m)
: RSC-25F
RS-232C Connection Conversion Straight Cable (25F 9M, 1.8m)
: RSS-25M/9F
RS-232C Connection Conversion Cross Cable (25F 9F, 1.8m)
: RSS-25F/9M
RS-232C Connection Conversion Cross Cable(25F 9F, 1.8m)
: RSC-25F/9F



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com