Electronic Components Datasheet Search
  English  ▼

X  

COM-4PC-PE Datasheet(PDF) 3 Page - Contec Co., Ltd

Part # COM-4PC-PE
Description  RS-232C Isolated Serial I/O Board for PCI Express 4ch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONTEC [Contec Co., Ltd]
Direct Link  https://www.contec.com/
Logo CONTEC - Contec Co., Ltd

COM-4PC-PE Datasheet(HTML) 3 Page - Contec Co., Ltd

  COM-4PC-PE Datasheet HTML 1Page - Contec Co., Ltd COM-4PC-PE Datasheet HTML 2Page - Contec Co., Ltd COM-4PC-PE Datasheet HTML 3Page - Contec Co., Ltd COM-4PC-PE Datasheet HTML 4Page - Contec Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Ver.1.00
COM-4PC-PE
3
In addition to connecting directly to the connector on the board,
you can also connect external devices via a distribution cable.
Connecting directly to the port connector
Using a distribution cable
When using a COM-4PC-PE, an alternative to connecting an
external device directly to the connector on the board is to use a
connection conversion cable.
Converting the Interface Connector to 9-pin D-SUB,
Male Connectors
Use a PCE37/9PS connection conversion cable (purchased
separately) to connect to external devices after dividing into four
9-pin D-SUB male connector channels.
Use cable suitable for use with 9-pin D-SUB connectors
(purchase separately) with the four divided connectors.
< Specification of “PCE37/9PS” >
- Connector used
37-pin D-SUB, male connector
Thumb screw :
UNC #4-40 (inch screw)
- Cable
9-conductor shielded cable
Cable length : 250mm
Conductor size : AWG#28
- Connector used
9-pin D-SUB, male connector
Thumb screw : UNC#4-40(inch screw)
- Applicable connectors
17JE-13090-02(D8C) (mfd. by DDK, Female)
.
.
.
SG 1
DTR 1
TxD 1
RxD 1
DCD 1
9
8
7
6
RI 1
CTS 1
RTS 1
DSR 1
5
4
3
2
1
CH1
SG 4
DTR 4
TxD 4
RxD 4
DCD 4
9
8
7
6
RI 4
CTS 4
RTS 4
DSR 4
5
4
3
2
1
CH4
CH1
CH2
CH3
CH4
< Connection conversion (Option) >
Connection Conversion Cable (37M
→9M x 4, 250mm)
: PCE37/9PS
< Cable (Option) >
RS-232C Straight Cable with D-SUB9P (1.8m) : RSS-9M/F
RS-232C Cross Cable with D-SUB9P (1.8m)
: RSC-9F
Converting the Interface Connector to 25-pin D-SUB,
Male Connectors
Use a PCE37/25PS connection conversion cable (purchased
separately) to connect to external devices after dividing into four
25-pin D-SUB male connector channels.
Use cable suitable for use with 25-pin D-SUB connectors
(purchase separately) with the four divided connectors.
< Specification of “PCE37/9PS” >
- Connector used
25-pin D-SUB, male connector
Thumb screw : UNC#4-40(inch screw)
- Applicable connectors
17JE-13250-02(D8C)
(mfd. by DDK, Female)
- Cable
9-conductor shielded cable
Cable length : 250mm
Conductor size : AWG#28
- Connector used
37-pin D-SUB, male connector
Thumb screw :
UNC #4-40 (inch screw)
CH1
CH2
CH3
CH4
.
.
.
N.C.
N.C.
N.C.
N.C.
N.C.
DCD 4
SG 4
DSR 4
CTS 4
RTS 4
RxD 4
TxD 4
N.C.
25
24
23
22
21
20
19
18
17
16
15
14
N.C.
N.C.
N.C.
RI 4
N.C.
DTR 4
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
13
12
11
10
9
8
7
6
5
4
3
2
1
CH4
25
24
23
22
21
20
19
18
17
16
15
14
N.C.
N.C.
N.C.
N.C.
N.C.
DCD 1
SG1
DSR 1
CTS 1
RTS 1
RxD 1
TxD 1
N.C.
N.C.
N.C.
N.C.
RI 1
N.C.
DTR 1
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
13
12
11
10
9
8
7
6
5
4
3
2
1
CH1
< Connection conversion (Option) >
Connection Conversion Cable (37M
→25M x 4, 250mm)
: PCE37/25PS
< Cable (Option) >
RS-232C Straight Cable with D-SUB25P (1.8m): RSS-25M/9F
RS-232C Cross Cable with D-SUB25P (1.8m) : RSC-25F
RS-232C Connection Conversion Straight Cable
(25F
→9M, 1.8m)
: RSS-25M/9F
RS-232C Connection Conversion Cross Cable
(25F
→9F, 1.8m)
: RSS-25F/9M
RS-232C Connection Conversion Cross Cable
(25F
→9F, 1.8m)
: RSC-25F/9F
External Connection



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com