Electronic Components Datasheet Search
  English  ▼

X  

CPS-COM-1PC Datasheet(PDF) 1 Page - Contec Co., Ltd

Part # CPS-COM-1PC
Description  Serial I/O Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONTEC [Contec Co., Ltd]
Direct Link  https://www.contec.com/
Logo CONTEC - Contec Co., Ltd

CPS-COM-1PC Datasheet(HTML) 1 Page - Contec Co., Ltd

  CPS-COM-1PC Datasheet HTML 1Page - Contec Co., Ltd CPS-COM-1PC Datasheet HTML 2Page - Contec Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ver.1.05
CPS-COM-1PC, CPS-COM-2PC
1
CONPROSYS Series
Serial I/O Module RS-232C
CPS-COM-1PC (1ch type)
CPS-COM-2PC (2ch type)
*Thephotograph is a CPS-COM-2PC.
* Specifications,color and design of theproducts are subjecttochange
withoutnotice.
This product is anextensionCOMport thatperformsserial
communicationwithanexternal device and operates along withthe
configurabletypecontroller of ourCONPROSYS series.
CPS-COM-1PChas 1channelof RS-232Ccommunication port, and CPS-
COM-2PChas 2channelsof RS-232Ccommunication port.
* Thecontentsinthis documentare subjectto changewithoutnotice.
* Visit theCONTECwebsite to checkthelatest details inthe document.
* Theinformation inthedata sheets is as of September, 2019.
Features
RS-232C serialcommunication, supporting 921,600bps tothe
maximum
CPS-COM-1PChas 1channelof RS-232C-compliantserial port, and CPS-
COM-2PChas 2channelsof RS-232C-compliantserial port.
Baud ratesfrom 15 to 921,600bpscan be set per eachchannel.
Compactdesign
Compact design, 25.2 (W)×94.7(D)×124.8 (H), features flexibility in
installation.
Adaptabletoa temperaturerangebetween -20 and +60°C
Theproductis capable of operating inthetemperaturebetween-20 and
+ 60°C. It canbe installed inthevariousenvironments.
Installation easywith twopieces of terminal supportand DIN rail
Youcan install and remove a terminal connectorwithouta screwdriver so
that it canshorten thetime ofthe replacement.Asthe productcanbe
not only mountedon DIN rail, but also is removable along theside rails,
replacing is simple and easy as well.
Equipped withLED foran operation check
TheproducthasLED for an operationcheck,whichhelps youvisually
confirm thecommunication status of eachinterface.
No electrolytic capacitorbattery
Noelectrolytic capacitor is used.TheConteciscreating theproductwith
a longer life.
Specifications
Function specifications
Item
CPS-COM-1PC
CPS-COM-2PC
Numberofchannels
1ch
2ch
Interfacetype
RS-232C
Transfer method
Asynchronousserialtransfer
Isolation
ChannelIsolation,BusIsolation
Voltageresistance
1000VDC
Baudrate
15-921,600bps *1
Datalength
5, 6,7,8bits ,1,1.5,2stopbits *1
Paritycheck
Even,Odd,Non-parity*1
Buffermemory
Ithas 128-bytereceiveand 128-bytetransmitFIFObuffers.
Connector
9-pinD-SUBConnector(Male)
LED
Status(Green,Red),Transmission(Green),Reception(Green)
Supplyvoltage
24VDC(±10%)
Currentconsumption
0.1A(Max.)
0.2A(Max.)
Physicaldimensions(mm)
25.2(W)×94.7(D)×124.8(H)(No projectionincluded)
Weight
170g
Installationmethod
Quickmounting onthe35mmDINrail
*1 Theseitems canbesetbysoftware.
Caution
Themaximumnumberofstackingdevicesoperatingalong withthestacktypecontroller is 16and thetotal
currentconsumptionofthedevicesshouldbeless than3.3A.
InstallationEnvironmentRequirements
Item
CPS-COM-1PC
CPS-COM-2PC
Operating ambienttemperature
-20-+60°C
Operating ambienthumidity
10-90%RH(Nocondensation)
Non-operatingambient
temperature
-20-+60°C
Non-operatingambienthumidity
10-90%RH(Nocondensation)
Floatingdustparticles
Nottobeexcessive
Corrosivegases
None
Line-noise
resistance
Linenoise
SignalLine/±1kV(IEC61000-4-4Level3,EN61000-4-4Level3)
Staticelectricity
resistance
Touch/±4kV(IEC61000-4-2Level2,EN61000-4-2Level2)
Air/±8kV(IEC61000-4-2Level3,EN61000-4-2Level3)
Vibration
resistance
Sweep
resistance
10-57Hz*2/semi-amplitudevibration0.15mm,57-150Hz/2.0G
40minutes eachinX,Y,and Zdirections(JISC60068-2-6-compliant,
IEC60068-2-6-compliant)
Shockresistance
15Ghalf-sineshockfor 11ms inX,Y,and Zdirections
(JISC60068-2-27–compliant,IEC60068-2-27-compliant)
Standard
VCCI ClassA,FCCClassA,
CE Marking (EMCDirectiveClass A,RoHSDirective),UL
*2 WiththeoptionalDINrailfittingpowersupply:10-55Hz(fordetails,seetheuser’sguideoftheoptional
powersupply)


Similar Part No. - CPS-COM-1PC

ManufacturerPart #DatasheetDescription
logo
Contec Co., Ltd
CPS-COM-1PC CONTEC-CPS-COM-1PC Datasheet
380Kb / 3P
CODESYS EtherCAT Master
More results

Similar Description - CPS-COM-1PC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP43124 INTERSIL-HSP43124 Datasheet
144Kb / 17P
Serial I/O Filter
May 1999
logo
List of Unclassifed Man...
ADAM-6060 ETC1-ADAM-6060 Datasheet
120Kb / 1P
Kompakte I/O-Module
logo
Intersil Corporation
HSP43124 INTERSIL-HSP43124_07 Datasheet
525Kb / 18P
Serial I/O Filter
April 18, 2007
logo
Hongfa Technology
HFS8 HONGFA-HFS8 Datasheet
72Kb / 4P
I/O module
logo
Advantech Co., Ltd.
MIO-6250 ADVANTECH-MIO-6250 Datasheet
153Kb / 1P
Module I/O Series
logo
List of Unclassifed Man...
ND-6050 ETC2-ND-6050 Datasheet
219Kb / 1P
Digital I/O Module
logo
D+H Mechatronic AG
ACN-IO501 DH-ACN-IO501 Datasheet
565Kb / 2P
I/O module
logo
Contec Co., Ltd
CPSN-COM-1PD CONTEC-CPSN-COM-1PD Datasheet
368Kb / 2P
Serial I/O Module RS-422A/485
CPS-COM-1PD CONTEC-CPS-COM-1PD Datasheet
588Kb / 2P
Serial I/O Module
logo
Renesas Technology Corp
HSP43124 RENESAS-HSP43124 Datasheet
604Kb / 18P
Serial I/O Filter
April 18, 2007
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com