Electronic Components Datasheet Search
  English  ▼

X  

CPS-COM-1PD Datasheet(PDF) 1 Page - Contec Co., Ltd

Part # CPS-COM-1PD
Description  Serial I/O Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONTEC [Contec Co., Ltd]
Direct Link  https://www.contec.com/
Logo CONTEC - Contec Co., Ltd

CPS-COM-1PD Datasheet(HTML) 1 Page - Contec Co., Ltd

  CPS-COM-1PD Datasheet HTML 1Page - Contec Co., Ltd CPS-COM-1PD Datasheet HTML 2Page - Contec Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ver.1.06
CPS-COM-1PD, CPS-COM-2PD
1
CONPROSYS Series
Serial I/O Module RS-422A/485
CPS-COM-1PD (1ch type)
CPS-COM-2PD (2ch type)
*Thephotograph is a CPS-COM-2PD.
* Specifications,color and design of theproducts are subjecttochange
withoutnotice.
This product is an extensionCOMport thatperformsRS-422A/485-
compliant serial communication with external device(s) andoperates
along withthestacktypecontrollerofour CONPROSYSseries.
CPS-COM-1PDhas 1 channelof RS-422A/485communicationport.
CPS-COM-2PDhas 2 channelsof RS-422A/485 communication port.
* Thecontentsinthis documentare subjectto changewithoutnotice.
* Visit theCONTECwebsite to checkthelatest details inthe document.
* Theinformation inthedata sheets is as of September, 2019.
Features
RS-422A/485 serial communication, supporting 921,600bpstothe
maximum.
CPS-COM-1PDhas 1 channelof RS-422A/485-compliant serial port.
CPS-COM-2PDhas 2 channelsof RS-422A/485-compliant serial port.
Baud ratesfrom 15 to 921,600bpscan be set per eachchannel.
CompactDesign
Compact design, 25.2(W) x 94.7(D) x 124.8(H)mm, features flexibility in
installation.
Adaptabletoa widerangeoftemperature between -20and +60°C
Theproductis capable of operating inthetemperaturebetween-20 and
+ 60°C. It canbe installed inthevariousenvironments.
Installation easywith twopieces of terminal supportand DIN rail
Youcan remove a terminal connectorwithouta screwdriver so that itcan
shortenthetime ofthe replacement.Asthe productcanbe not only
mountedonDIN rail, but also removable along theslide rails, replacing is
simple and easy as well.
Equipped withthe LED foran operation check
TheproducthastheLEDfor anoperationcheck,whichhelps youvisually
confirm thecommunication status of eachinterface.
No electrolytic capacitor
Withoutanelectrolytic capacitor, whichhas a limited life, we arecreating
the productwith a longer life.
Specifications
Function specifications
Item
CPS-COM-1PD
CPS-COM-2PD
Numberofchannels
1ch
2ch
Interfacetype
RS-422A/485
Transmissionscheme
AsynchronousSerialTransmission(FullDuplex/HalfDuplex)
*OnlyfullDuplexissupported byPACSeriescontrollers(CPS-
PCS341EC-DS1-1201,CPS-PCS341MB-DS1-1201)
Isolation
BusIsolation
VoltageResistance
200VDC
Baud Rate
15-921,600bps *1
Datalength
5, 6,7,8bits 1,1.5,2stop bits *1
Paritycheck
Even,Odd,Non-parity*1
Buffers
Ithas 128-bytereceiveand 128-bytetransmitFIFObuffers.
Connector 2-
Connector
2-piece3.81mmpitch10-pinterminal
Applicablewire
AWG28-16
Switch
DIPSwitch(FullDuplex/HalfDuplex),Terminator(ON/OFF)
Surgeprotectionelementeachsignal-SG
InteractiveTVSDiodeStand offvoltage:±13V,Peakpulse
power :400W(1ms)
SurgeprotectionelementSG-FG
GasdischargetubearresterDischargevoltage:±300V,
Impulsecurrenttolerance:2000A(8/20us,10times)
LED
Status(Green,Red),Transmission(Green),Reception(Green)
Supplyvoltage
24VDC±10%
Currentconsumption
0.2A(Max.)
Physicaldimensions(mm)
25.2(W)×94.7(D)×124.8(H)(No projectionincluded)
Weight
200g
Installationmethod
Quickmounting onthe35mmDINrail
*1 Theseitems canbesetbysoftware.
Caution
Themaximumnumberofstackingmodules operatingalongwiththestacktypecontroller is16and thetotal
currentconsumptionofthemodulesshouldbeless than3.3A.


Similar Part No. - CPS-COM-1PD

ManufacturerPart #DatasheetDescription
logo
Contec Co., Ltd
CPS-COM-1PD CONTEC-CPS-COM-1PD Datasheet
380Kb / 3P
CODESYS EtherCAT Master
More results

Similar Description - CPS-COM-1PD

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP43124 INTERSIL-HSP43124 Datasheet
144Kb / 17P
Serial I/O Filter
May 1999
logo
List of Unclassifed Man...
ADAM-6060 ETC1-ADAM-6060 Datasheet
120Kb / 1P
Kompakte I/O-Module
logo
Intersil Corporation
HSP43124 INTERSIL-HSP43124_07 Datasheet
525Kb / 18P
Serial I/O Filter
April 18, 2007
logo
Hongfa Technology
HFS8 HONGFA-HFS8 Datasheet
72Kb / 4P
I/O module
logo
Advantech Co., Ltd.
MIO-6250 ADVANTECH-MIO-6250 Datasheet
153Kb / 1P
Module I/O Series
logo
List of Unclassifed Man...
ND-6050 ETC2-ND-6050 Datasheet
219Kb / 1P
Digital I/O Module
logo
D+H Mechatronic AG
ACN-IO501 DH-ACN-IO501 Datasheet
565Kb / 2P
I/O module
logo
Contec Co., Ltd
CPSN-COM-1PD CONTEC-CPSN-COM-1PD Datasheet
368Kb / 2P
Serial I/O Module RS-422A/485
CPS-COM-1PC CONTEC-CPS-COM-1PC Datasheet
514Kb / 2P
Serial I/O Module
logo
Renesas Technology Corp
HSP43124 RENESAS-HSP43124 Datasheet
604Kb / 18P
Serial I/O Filter
April 18, 2007
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com