Electronic Components Datasheet Search
  English  ▼

X  

AMB24-IP Datasheet(PDF) 3 Page - BELIMO AIRCONTROLS (USA), INC

Part # AMB24-IP
Description  Proportional, Non-Spring Return, 24 V, Cloud BACnet/IP, Modbus TCP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELIMO [BELIMO AIRCONTROLS (USA), INC]
Direct Link  https://www.belimo.us/
Logo BELIMO - BELIMO AIRCONTROLS (USA), INC

AMB24-IP Datasheet(HTML) 3 Page - BELIMO AIRCONTROLS (USA), INC

  AMB24-IP Datasheet HTML 1Page - BELIMO AIRCONTROLS (USA), INC AMB24-IP Datasheet HTML 2Page - BELIMO AIRCONTROLS (USA), INC AMB24-IP Datasheet HTML 3Page - BELIMO AIRCONTROLS (USA), INC AMB24-IP Datasheet HTML 4Page - BELIMO AIRCONTROLS (USA), INC AMB24-IP Datasheet HTML 5Page - BELIMO AIRCONTROLS (USA), INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Technical data sheet
AMB24-IP
www.belimo.us
AMB24-IP • en-us • 2020-09-01 • Subject to change
3 / 5
"Peer to Peer" connection
http://belimo.local:8080
The Notebook must be set to "DHCP".
Make sure that only one network connection is
active.
Standard IP address:
http://192.168.0.10:8080
Static IP address
Password (read-only):
User name: «guest»
Password: «guest»
This can be inverted in cases of control with an analogue positioning signal. The inversion causes the
reversal of the standard behaviour, i.e. for control signal 0%, the actuator is opened to max and for
control signal 100%, the actuator is closed.
Simple direct mounting on the damper shaft with a universal shaft clamp, supplied with an anti-rotation
device to prevent the actuator from rotating.
The recorded data (integrated data recording for 13 months) can be used for analytical purposes.
Download csv files via web browser.
Manual override with push-button possible (the gear is disengaged for as long as the button is pressed or
remains locked).
Adjustable angle of rotation with mechanical end stops.
The actuator is overload protected, requires no limit switches and automatically stops when the end stop
is reached.
The first time the supply voltage is switched on, i.e. at the time of commissioning, the actuator carries out
an adaption, which is when the operating range and position feedback adjust themselves to the
mechanical setting range.
The actuator then moves into the position defined by the positioning signal.
An adaption can be triggered manually by pressing the "Adaption" button. Both mechanical end stops are
detected during the adaption (entire setting range).
The actuator then moves into the position defined by the positioning signal.
Accessories
Sähköiset lisävarusteet Kuvaus
Tyyppi
Feedback potentiometer 10 kΩ add-on, grey
P10000A GR
Feedback potentiometer 1 kΩ add-on, grey
P1000A GR
Feedback potentiometer 140 Ω add-on, grey
P140A GR
Feedback potentiometer 15 kΩ gray
P15000A-F GR
Feedback potentiometer 2.8 kΩ add-on, grey
P2800A GR
Feedback potentiometer 5 kΩ add-on, grey
P5000A GR
Feedback potentiometer 500 Ω add-on, grey
P500A GR
Auxiliary switch 1 x SPDT add-on
S1A
Auxiliary switch 2 x SPDT add-on
S2A
Positioner for wall mounting
SGA24
Positioner for front-panel mounting
SGF24
TF-CC US
Connection cable 5 m, A: RJ11 6/4 ZTH EU, B: 6-pin for connection to service socket ZK1-GEN
Mekaaniset lisävarusteet Kuvaus
Tyyppi
Actuator arm for standard shaft clamp (one-sided)
AH-25
Shaft extension 240 mm Ø20 mm for damper shaft Ø 8...22.7 mm
AV8-25
K-AM25
Shaft clamp reversible, clamping range Ø10...20 mm
K-SA
Ball joint suitable for damper crank arm KH8 / KH10
KG10A
Ball joint suitable for damper crank arm KH8
KG6
Ball joint suitable for damper crank arm KH8
KG8
Damper crank arm Slot width 8.2 mm, clamping range Ø14...25 mm
KH10
Positioning signal inversion
Simple direct mounting
Data recording
Manual override
Adjustable angle of rotation
High functional reliability
Home position
Adaptation and synchronisation



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com