Electronic Components Datasheet Search
  English  ▼

X  

SOF Datasheet(PDF) 2 Page - Mitsumi Electronics, Corp.

Part # SOF
Description  Tactile Switches With Button
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

SOF Datasheet(HTML) 2 Page - Mitsumi Electronics, Corp.

  SOF Datasheet HTML 1Page - Mitsumi Electronics, Corp. SOF Datasheet HTML 2Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MITSUMI
• Any products mentioned in this catalog are subject to any modification in their appearance and others for improvements without prior notification.
• The details listed here are not a guarantee of the individual products at the time of ordering. When using the products, you will be asked to check their specifications.
Tactile Switches With Button
DIMENSIONS
SPECIFICATIONS
Electrical
Characteristics
Rating (Resistive load)
50mA, 12V DC
Contact Resistance
1Ω or less
Insulation Resistance
10MΩ or more
Withstand Voltage
1 minute at AC 100V
Life
100,000 times
TYPE
Model Name Code
Order Number Operating Force
Button
Boss
Mounting Height (h)
Pcs/Reel
SOF-242HST
R 667074
1.6N
Circle
With
1.0mm
5,000
SOF-242HNT
R 667075
1.6N
Circle
Without
1.0mm
5,000
SOF-262HST
R 667076
1.6N
Circle
With
1.5mm
5,000
SOF-262HNT
R 667077
1.6N
Circle
Without
1.5mm
5,000
SOF-232HST
R 667078
1.6N
Circle
With
2.0mm
4,000
SOF-232HNT
R 667079
1.6N
Circle
Without
2.0mm
4,000
SOF-268HFT
R 667903
1.9N
Square
With
1.5mm
5,000
SOF-269HFT
R 667766
3.8N
Square
With
1.5mm
5,000
Circuit diagram
B
A
G
G
3.3
2±0.05
2.9
3.9
1.3
0.9
Regarding the expression of
,
the distance with the cover is
set to be shortest in the design.
Reference Land Dimensions
+0.1
0
φ0.7
Pattern prohibition area
Metal Mask thickness : 100μm
A
G
B
B
B
3.3
(3.6)
2±0.05
0.7
2-φ0.65-0.1
0
(Circle button)
B
B
B
G
A
3.3
1.3
C0.1
C0.1
(3.6)
2±0.05
0.7
2-φ0.65-0.1
0
(Square button)
Unit: mm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com