Electronic Components Datasheet Search
  English  ▼

X  

SOG Datasheet(PDF) 1 Page - Mitsumi Electronics, Corp.

Part # SOG
Description  Small Type Tactile Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

SOG Datasheet(HTML) 1 Page - Mitsumi Electronics, Corp.

  SOG Datasheet HTML 1Page - Mitsumi Electronics, Corp. SOG Datasheet HTML 2Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MITSUMI
Switches
• Anyproductsmentionedinthiscatalogaresubjecttoanymodificationintheirappearanceandothersforimprovementswithoutpriornotification.
• Thedetailslistedherearenotaguaranteeoftheindividualproductsatthetimeofordering.Whenusingtheproducts,youwillbeaskedtochecktheirspecifications.
Small Type Tactile Switches
SOG Series
1. Original terminal structure reduces the
mounting area.
2. High reliability thanks to the dustproof design.
3. Good feeling from the wider pressing range.
FEATURES
APPLICATIONS
Mobile Phones, Smartphones, Digital Cameras, Game Machines and etc.
MODEL NAME CODE
S O G - 1 5 2 A N T
Packaging
T(Taping)
Positioning Boss
N(Without )
A(Air Vent)
Operating Force
2(1.6N), 4(2.35N)
Fixed Character
Earth Terminal
1(Without)
SmallSizeandLow-profile
Tactile
Switch


Similar Part No. - SOG

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
SOGC-01 VAISH-SOGC-01 Datasheet
156Kb / 2P
Thick Film Resistor Networks, Dual-In-Line, Small Outline Molded Dip, 01, 03, 05 Schematics, 16 or 20 Pins
SOGC-03 VAISH-SOGC-03 Datasheet
156Kb / 2P
Thick Film Resistor Networks, Dual-In-Line, Small Outline Molded Dip, 01, 03, 05 Schematics, 16 or 20 Pins
SOGC-05 VAISH-SOGC-05 Datasheet
156Kb / 2P
Thick Film Resistor Networks, Dual-In-Line, Small Outline Molded Dip, 01, 03, 05 Schematics, 16 or 20 Pins
SOGC-16 VAISH-SOGC-16 Datasheet
156Kb / 2P
Thick Film Resistor Networks, Dual-In-Line, Small Outline Molded Dip, 01, 03, 05 Schematics, 16 or 20 Pins
SOGC-20 VAISH-SOGC-20 Datasheet
156Kb / 2P
Thick Film Resistor Networks, Dual-In-Line, Small Outline Molded Dip, 01, 03, 05 Schematics, 16 or 20 Pins
More results

Similar Description - SOG

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
SOH-213HST MITSUMI-SOH-213HST Datasheet
71Kb / 2P
Side Click Type Tactile Switches
logo
HOKURIKU ELECTRIC INDUS...
KSHS636ATS HOKURIKU-KSHS636ATS Datasheet
73Kb / 1P
Tactile Switches
KSMC612A HOKURIKU-KSMC612A Datasheet
183Kb / 2P
Tactile Switches
KSMC632A HOKURIKU-KSMC632A Datasheet
216Kb / 2P
Tactile Switches
logo
Copal Electronics
TME COPAL-TME Datasheet
177Kb / 2P
Tactile Switches
logo
SHINMEI ELECTRIC CO., L...
TSW-5 SHINMEI-TSW-5 Datasheet
105Kb / 2P
Height 1.0mm Type Tactile Switches
TSW-41 SHINMEI-TSW-41 Datasheet
92Kb / 2P
Multifunction Type Tactile Switches
logo
Mitsumi Electronics, Co...
SOU MITSUMI-SOU Datasheet
92Kb / 2P
Side Click Type Tactile Switches
STI MITSUMI-STI Datasheet
152Kb / 2P
Small Type Tactile Switches
STO MITSUMI-STO Datasheet
130Kb / 2P
Small Type Tactile Switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com