Electronic Components Datasheet Search
  English  ▼

X  

SOU Datasheet(PDF) 2 Page - Mitsumi Electronics, Corp.

Part # SOU
Description  Side Click Type Tactile Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

SOU Datasheet(HTML) 2 Page - Mitsumi Electronics, Corp.

  SOU Datasheet HTML 1Page - Mitsumi Electronics, Corp. SOU Datasheet HTML 2Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MITSUMI
• Any products mentioned in this catalog are subject to any modification in their appearance and others for improvements without prior notification.
• The details listed here are not a guarantee of the individual products at the time of ordering. When using the products, you will be asked to check their specifications.
Side Click Type Tactile Switches
Electrical
Characteristics
Rating (Resistive load)
50mA, 12V DC
Contact Resistance
1Ω or less
Insulation Resistance
10MΩ or more
Withstand Voltage
1 minute at AC 100V
Life
SOU-242HST, SOU-242HNT
100,000 times
SOU-244HNT, SOU-244HST
100,000 times
SOU-248HNT, SOU-248HST
100,000 times
TYPE
Model Name Code
Order Number
Operating Force
Boss
Pcs/Reel
SOU-242HST
R 666939
1.6N
With
5,000
SOU-242HNT
R 666994
1.6N
Without
5,000
SOU-248HST
R 667270
2.0N
With
5,000
SOU-248HNT
R 667271
2.0N
Without
5,000
SOU-244HST
R 667799
2.4N
With
5,000
SOU-244HNT
R 667823
2.4N
Without
5,000
3.3
2
2.9
3.9
1.3
0.9
3.3
0.9
2.1
2
(3.6)
A
G
B
B
B
B
A
G
Reference land dimensions
Pattern prohibition area
+0.1
0
φ0.7
Solder thickness:100μm
2-φ0.65-0.1
0
Circuit diagram
Unit: mm
DIMENSIONS
SPECIFICATIONS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com