Electronic Components Datasheet Search
  English  ▼

X  

SSA Datasheet(PDF) 2 Page - Mitsumi Electronics, Corp.

Part # SSA
Description  Self Return Slide Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

SSA Datasheet(HTML) 2 Page - Mitsumi Electronics, Corp.

  SSA Datasheet HTML 1Page - Mitsumi Electronics, Corp. SSA Datasheet HTML 2Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MITSUMI
• Any products mentioned in this catalog are subject to any modification in their appearance and others for improvements without prior notification.
• The details listed here are not a guarantee of the individual products at the time of ordering. When using the products, you will be asked to check their specifications.
Self Return Slide Switches
DIMENSIONS
SPECIFICATIONS
Electrical
Characteristics
Rating (Resistive load)
0.3A, 4V DC
Contact Resistance
1
or less
Insulation Resistance
10M
or more
Withstand Voltage
1 minute at AC 100V
Mechanical
Characteristics
Operating Force
Self return section : 1.2±1.0N
Click section : 1.5±1.0N
Life
50,000 cycles
TYPE
Model Name Code
Order Number
No. of Poles
No. of Contacts
Travel(mm)
Knob Direction
Pcs/Reel
SSA-131FHT
R 666804
1
3
1.5
Horizontal
5,000
SSA-131FVT
R 666792
1
3
1.5
Vertical
4,000
【Horizontal】
【Vertical】
①②③
③ ④
(COM)
(COM)
a
b
c
a
b
c
9.9
6.7
3.7
5−0.5
1.5
TRAVEL
1.5
TRAVEL
1.3
0
−0.05
1.15
6
2− 0.8
Knob position at shipping
0.35
C0.15
2−0.4
(10.2)
φ
−0.1
0
±0.1
5−0.7
0.35
3.7
6.7
Circuit diagram
1-pole. 3-positions
1
34
2
2-land of sub terminal
2− 0.8
Hole
φ
+0.02
+0.1
6
8.7
9.1
10
10.9
±0.05
Pattern prohibition area
Reference land dimensions
1
2− 0.8
2−C0.15
φ
−0.1
0
6
±0.1
1.3
0
−0.05
Knob position at shipping
①②③
③ ④
(COM)
(COM)
2−0.4
a
b
c
9.9
1.5
TRAVEL
1.5
TRAVEL
(10.2)
5−0.5
6.7
3.7
Unit: mm
Unit: mm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com