Electronic Components Datasheet Search
  English  ▼

X  

SSU Datasheet(PDF) 2 Page - Mitsumi Electronics, Corp.

Part # SSU
Description  H=1.2mm Slide Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

SSU Datasheet(HTML) 2 Page - Mitsumi Electronics, Corp.

  SSU Datasheet HTML 1Page - Mitsumi Electronics, Corp. SSU Datasheet HTML 2Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MITSUMI
• Any products mentioned in this catalog are subject to any modification in their appearance and others for improvements without prior notification.
• The details listed here are not a guarantee of the individual products at the time of ordering. When using the products, you will be asked to check their specifications.
H=1.2mm Slide Switches
Model Name
Code
Order Number
No. of Poles
No. of
Contacts
Travel (mm)
Knob Direction
Terminal
Earth
Pcs/Reel
SSU-121ART
R 667016
1
2
1.5
Horizontal
without
5,000
SSU-121BRT
R 667053
1
2
1.5
Vertical
without
3,000
SSU-131MAT
R 667065
1
3
1.5
Horizontal
without
4,000
TYPE
DIMENSIONS
【SSU-131MAT】
7
5−0.7
2−φ1.1+0.1
 0
3±0.1
4.5
4.5
3−0.5
6.8
0.4
0
−0.1
0.8
4.5
2−0.5
1.3
0
−0.05
3±0.1
2−φ1
0
−0.1
TRAVEL:1.5
A
B
C
A
B
A
B
C
Circuit diagram
COM
1-pole, 2-contacts
Reference land dimensions
Pattern prohibition area
凸 0.05 max.
Mitsumi Logo
Height of concave
section: 0.05 max.
6.8±0.05
2−C0.15
Circuit diagram
1-pole, 3-contacts
5±0.05
5±0.05
5.4±0.05
0.3±0.05
1.1±0.05
1.25±0.05
0.9
0.3
2−0.5 0
−0.1
Knob position at shipping
1.1
0
−0.05
TRAVEL
1.5
TRAVEL
1.5
8.1
A
B C
5.4±0.05
0.3±0.05
1.1±0.05
1.25±0.05
5−0.5
2−0.7
2−φ0.85
6.8±0.05
8.1
5−0.7
Hole
+0.05
0
Pattern prohibition area
Reference land dimensions
2−0.4
2
C
3
1
1
1
2 C
C
3
3
【SSU-121ART】
7
5−0.7
2−φ1.1
+0.1
 0
3±0.1
4.5
1.3
6.8
3−0.5
0.4
0
−0.1
0.4
0
−0.1
1.3
0
−0.05
2−0.5
3±0.1
TRAVEL:1.5
4.5
4.5
2−φ1
0
−0.1
A
B
C
A
B
A
B
C
COM
Circuit diagram
1-pole, 2-contacts
Reference land dimensions
Pattern prohibition area
【SSU-121BRT】
Unit: mm
Unit: mm
Unit: mm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com