Electronic Components Datasheet Search
  English  ▼

X  

STU Datasheet(PDF) 2 Page - Mitsumi Electronics, Corp.

Part # STU
Description  Waterproof Small Type Tactile Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

STU Datasheet(HTML) 2 Page - Mitsumi Electronics, Corp.

  STU Datasheet HTML 1Page - Mitsumi Electronics, Corp. STU Datasheet HTML 2Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MITSUMI
• Anyproductsmentionedinthiscatalogaresubjecttoanymodificationintheirappearanceandothersforimprovementswithoutpriornotification.
• Thedetailslistedherearenotaguaranteeoftheindividualproductsatthetimeofordering.Whenusingtheproducts,youwillbeaskedtochecktheirspecifications.
Waterproof Small Type Tactile Switch
SPECIFICATIONS
Electrical
Characteristics
Rating (Resistive load)
DC15V, 20mA (maximum)
DC2V, 10μA (minimum)
Contact Resistance
500m or less
Life
STU-053A16AX
300,000 times
STU-057A23AX
500,000 times
Water
Resistance
Protective resistance
IP68
Model Name Code
Model Name
Operating Force
Pcs/Reel
STU-053A16AX
R66 7963
1.6N
20,000
STU-057A23AX
R66 7966
2.25N
20,000
( 0.85)
(0.35)
(1.8)
2.14
3.4
φ
A
B
A´
B´
A
B
A´
B´
Circuit diagram
No pattern
No silk
±0.15
3
2.8
0.53±0.05
(1.6N)
0.57±0.05 (2.25N)
Without
COVER FILM
Reference land dimension
The thickness of solder stencil : 80µm
Unit: mm
DIMENSIONS
TYPE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com