Electronic Components Datasheet Search
  English  ▼

X  

ASM8500 Datasheet(PDF) 6 Page - Alliance Semiconductor Corporation

Part # ASM8500
Description  Low Power 5V / 3.3V uP Reset Active LOW, Open - Drain Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM8500 Datasheet(HTML) 6 Page - Alliance Semiconductor Corporation

  ASM8500 Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM8500 Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM8500 Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM8500 Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM8500 Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM8500 Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM8500 Datasheet HTML 7Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
ASM8500
6 of 7
Notice: The information in this document is subject to change without notice
Low Power 5V / 3.3V µP Reset Active LOW, Open - Drain Output
rev 1.0
November 2003
Package Dimensions
Plastic SOT-89
Symbol
Dimension in Millimeters
Dimensions in Inches
Min
Max
Min
Max
A
1.40
1.60
0.0551
0.0630
A1
0.89
-
0.0350
-
b
0.36
0.52
0.0142
0.0205
b1
0.41
0.56
0.0161
0.0220
C
0.35
0.44
0.0138
0.0173
D
4.40
4.60
0.1732
0.1811
D1
1.35
1.83
0.0531
0.0720
HE
-
4.25
-
0.1673
E
2.29
2.60
0.0902
0.1024
e
2.90
3.10
0.1142
0.1220
H
0.35
0.70
0.0138
0.0276
S1
1.40
1.60
0.0551
0.0630
D
D1
S1
e
E
A1
HE
H
C
Polish
b
b
b1
Matte Finish
Polish



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com