Electronic Components Datasheet Search
  English  ▼

X  

WST3407 Datasheet(PDF) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WST3407
Description  P-Ch MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WST3407 Datasheet(HTML) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WST3407 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST3407 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST3407 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST3407 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST3407 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Symbol
Parameter
Rating
Units
10s
Steady State
VDS
Drain-Source Voltage
-30
V
VGS
Gate-Sou
rce Voltage
±
20
V
ID@TC=25℃
Continuous Drain Current, VGS @ -10V
1
-
6.3
-
5.8
A
ID@TC=70℃
Continuous Drain Current, VGS @ -10V
1
-
4.5
-
3.5
A
IDM
Pulsed Drain Current
2
-
20
A
PD@TA=25℃
Total Power Dissipation
3
1.32
1
W
PD@TA=70℃
Total Power Dissipation
3
0.84
0.64
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction-Ambient
1
---
125
℃
/W
RθJA
Thermal Resistance Junction-Ambient
1 (t ≤10s)
---
95
℃
/W
RθJC
Thermal Resistance Junction-Case
1
---
80
℃
/W
BVDSS
RDSON
ID
-30V
41mΩ
-
5.8A
Advanced high cell density Trench technology
Super Low Gate Charge
Excellent CdV/dt effect decline
Green Device Available
General Description
Features
Applications
High Frequency Point-of-Load Synchronous
Buck Converter for MB/NB/UMPC/VGA
Networking DC-DC Power System
Load Switch
Absolute Maximum Ratings
Thermal Data
SOT-23-3L Pin Configuration
Product Summery
The WST3407 is the highest performance trench
P-ch MOSFET with extreme high cell density ,
which provide excellent RDSON and gate charge
for most of the small power switching and load
switch applications.
The WST3407 meet the RoHS and Green
Product requirement with full function reliability
approved.
WST3407
P-Ch MOSFET
Page 1
www.winsok.tw
Dec.2014


Similar Part No. - WST3407

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WST3400 WIINSOK-WST3400 Datasheet
1,022Kb / 5P
N-Ch MOSFET
logo
VBsemi Electronics Co.,...
WST3400 VBSEMI-WST3400 Datasheet
491Kb / 9P
N-Channel 30-V (D-S) MOSFET
logo
Shenzhen Guan Hua Wei Y...
WST3400A WIINSOK-WST3400A Datasheet
1Mb / 5P
N-Ch MOSFET
WST3400S WIINSOK-WST3400S Datasheet
648Kb / 5P
N-Ch MOSFET
logo
VBsemi Electronics Co.,...
WST3400S VBSEMI-WST3400S Datasheet
491Kb / 9P
N-Channel 30-V (D-S) MOSFET
More results

Similar Description - WST3407

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSD30L60DN56 WIINSOK-WSD30L60DN56 Datasheet
590Kb / 9P
P-Ch MOSFET
WSD30L120DN56 WIINSOK-WSD30L120DN56 Datasheet
932Kb / 5P
P-Ch MOSFET
WSE3099 WIINSOK-WSE3099 Datasheet
818Kb / 5P
P-Ch MOSFET
WSF60P03 WIINSOK-WSF60P03 Datasheet
717Kb / 5P
P-Ch MOSFET
WSP4409 WIINSOK-WSP4409 Datasheet
1Mb / 5P
P-Ch MOSFET
WST2301 WIINSOK-WST2301 Datasheet
893Kb / 5P
P-Ch MOSFET
WST2305 WIINSOK-WST2305 Datasheet
1,013Kb / 5P
P-Ch MOSFET
WST2315 WIINSOK-WST2315 Datasheet
1Mb / 5P
P-Ch MOSFET
WST2339 WIINSOK-WST2339 Datasheet
660Kb / 5P
P-Ch MOSFET
WST6003 WIINSOK-WST6003 Datasheet
551Kb / 6P
P-Ch MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com