Electronic Components Datasheet Search
  English  ▼

X  

P1818 Datasheet(PDF) 6 Page - Alliance Semiconductor Corporation

Part # P1818
Description  Low Power Mobile VGA EMI Reduction IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

P1818 Datasheet(HTML) 6 Page - Alliance Semiconductor Corporation

  P1818 Datasheet HTML 1Page - Alliance Semiconductor Corporation P1818 Datasheet HTML 2Page - Alliance Semiconductor Corporation P1818 Datasheet HTML 3Page - Alliance Semiconductor Corporation P1818 Datasheet HTML 4Page - Alliance Semiconductor Corporation P1818 Datasheet HTML 5Page - Alliance Semiconductor Corporation P1818 Datasheet HTML 6Page - Alliance Semiconductor Corporation P1818 Datasheet HTML 7Page - Alliance Semiconductor Corporation P1818 Datasheet HTML 8Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
®
Low Power Mobile VGA EMI Reduction IC
6 of 8
March 2003
P1818/19/20/21/22
Notice: The information in this document is subject to change without notice.
AC Electrical Characteristics
3.3 V, 25
° C
Symbol
Parameter
Min
Typ
Max
Unit
fIN
Input frequency
10
–
160
MHz
fOUT
Output frequency
10
–
160
MHz
tLH
1
1. tLH and tHL are measured into a capacitive load of 15 pF
Output rise time
(measured at 0.8 V to 2.0 V)
–0.66
–
ns
tHL
1
Output fall time
(measured at 2.0 V to 0.8 V)
–0.65
–
ns
tJC
Jitter (cycle to cycle) at 20 MHz
-200
–
200
ps
tD
Output duty cycle
45
50
55
%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com