Electronic Components Datasheet Search
  English  ▼

X  

DIO-48DX-USB Datasheet(PDF) 2 Page - Contec Co., Ltd

Part # DIO-48DX-USB
Description  Bi-Directional Digital I/O Unit for USB
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONTEC [Contec Co., Ltd]
Direct Link  https://www.contec.com/
Logo CONTEC - Contec Co., Ltd

DIO-48DX-USB Datasheet(HTML) 2 Page - Contec Co., Ltd

  DIO-48DX-USB Datasheet HTML 1Page - Contec Co., Ltd DIO-48DX-USB Datasheet HTML 2Page - Contec Co., Ltd DIO-48DX-USB Datasheet HTML 3Page - Contec Co., Ltd DIO-48DX-USB Datasheet HTML 4Page - Contec Co., Ltd DIO-48DX-USB Datasheet HTML 5Page - Contec Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Ver.1.01
DIO-48DX-USB
2
Hardware specification
Item
Specification
I/O
I/O format
Unisolated TTL-level I/O (Positive logic) *1
Number of I/O channels
48 channels (all available for interrupts)
Pull-up registance
10k
Ω
Interrupt
48 interrupt input signals are arranged into a single output of
interrupt signal INTA.
An interrupt is generated at the rising edge (LOW-to-HIGH
transition).
Response time
Within 200nsec
Rated output current
IOL=24mA (Max.)
IOH=-15mA (Max.)
USB section
Bus specification
USB Specification 2.0/1.1 standard
USB transfer rate
12Mbps (Full-speed), 480Mbps (High-speed) *2
Power supply
Self-power
Common section
Number of terminals
used at the same time
127 terminals (Max.) *3
Dielectric strength
250Vrms
Current consumption
(Max.)
5VDC
550mA
Operating
conditions*4
*5
0 - 50ºC, 10 - 90%RH (No condensation)
Allowable distance of
signal extension
Approx. 1.5m (depending on wiring environment)
Physical
dimensions
(mm)
180(W) x 140(D) x 34(H) (No protrusions)
Weight
400g (Not including the USB cable, attachment)
Connector
96 pin half pitch connector [M (male) type]
PCR-E96LMD+
[mfd. by HONDA TSUSHIN KOGYO CO., LTD.] or equivalent to it
Attached cable
USB cable 1.8m
*1
Data “1” and “0” correspond to the High and Low levels, respectively.
*2
This depends on the PC environment used (OS and USB host controller).
*3
As a USB hub is also counted as one device, you cannot just connect 127 USB unit.
*4
To suppress the heating, ensure that there are spaces for ventilation (about 5cm) around
this product.
*5
When using the attached AC adaptor POA200-20-2, it is 0 - 40
°C
AC adapter environmental condition
(environmental specification)
Item
Specification
Input voltage range
90 - 264VAC
Rated input current
300mA
Number of frequency
50 - 60Hz
Rated output voltage
5.0VDC
Rated output current
2.0A (Max.)
Dimension (mm)
47.5(W) x 75(D) x 27.3(H) (No protrusions)
Weight
175g
Operating
temperature
0 - 40ºC
Operating humidity
20 - 80%RH(No condensation)
Life expectancy
4 years at the ambient temperature 40 C (When 100VAC is input and
1.3A is output)
Allowable time of
short interruption
15ms (Max.) (When 100VAC is input and 1.3A is output) *1
Floating dust particles Not to be excessive
Corrosive gases
None
Voltage
corresponding to the
attached AC cable
125VAC 7A
*1
When the short interruption occurs and the defective operation of the equipment is
generated, please insert the power supply of the equipment after pulling out it.
Windows version of digital I/O driver
API-DIO(WDM)
[Stored on the bundled CD-ROM driver library
API-USBP(WDM)]
It is the library software, and which supplies command of
hardware produced by our company in the form of standard
Win32 API function (DLL).
Using programming languages
supporting Win32API functions, such as Visual Basic and
Visual C++ etc., you can develop high-speed application
software with feature of hardware produced by our company.
In addition, you can verify the operation of hardware using
Diagnostic programs.
< Operating environment >
OS
Windows 7, Server 2008, Vista, XP,
Server 2003, 2000, Me, 98
Adaptation language Visual Basic, Visual C++, Visual C#,
Delphi, C++ Builder
You can download the updated version from the CONTEC’s
Web site (http://www.contec.com/product/device/apiusbp/).
For more details on the supported OS, applicable language
and new information, please visit the CONTEC’s Web site.
Data acquisition VI library for LabVIEW
VI-DAQ
(Available for downloading (free of charge) from the CONTEC
web site.)
This is a VI library to use in National Instruments LabVIEW.
VI-DAQ is created with a function form similar to that of
LabVIEW's Data Acquisition VI, allowing you to use various
devices without complicated settings.
See http://www.contec.com/vidaq/ for details and download of VI-DAQ.
Cable (Option)
Shield Cable with 96-Pin Half-Pitch Connectors at Both Ends
: PCB96PS-0.5P (0.5m)
: PCB96PS-1.5P (1.5m)
Flat Cable with 96-Pin Half-Pitch Connectors at Both Ends
: PCB96P-1.5 (1.5m)
Shield Cable with 96-Pin Half-Pitch Connectors at One End
: PCA96PS-0.5P (0.5m)
: PCA96PS-1.5P (1.5m)
Flat Cable with 96-Pin Half-Pitch Connectors at One End
: PCA96P-1.5 (1.5m)
Flat cable with single-ended connector for 50-pin
: PCA50J-1.5 (1.5m)
Connector (Option)
Half-pitch 96-pin Male Connector Set (5 Pieces)
: CN5-H96
Cable & Connector
Support Software
Specification



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com