Electronic Components Datasheet Search
  English  ▼

X  

TK8P25DA Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # TK8P25DA
Description  iscN-Channel MOSFET Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

TK8P25DA Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  TK8P25DA Datasheet HTML 1Page - Inchange Semiconductor Company Limited TK8P25DA Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
iscN-Channel MOSFET Transistor
TK8P25DA
·
FEATURES
·
Low drain-source on-resistance:
RDS(ON) = 0.5Ω (MAX)
·
Enhancement mode:
Vth = 1.5 to 3.5V (VDS = 10 V, ID=1.0mA)
·
100% avalanche tested
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
·
DESCRITION
·
Switching Voltage Regulators
·
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage
250
V
VGS
Gate-Source Voltage
±
20
V
ID
Drain Current-Continuous
7.5
A
IDM
Drain Current-Single Pulsed
30
A
PD
Total Dissipation @TC=25℃
55
W
Tj
Max. Operating Junction Temperature
150
℃
Tstg
Storage Temperature
-55~150
℃
·
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth(ch-c)
Channel-to-case thermal resistance
2.27
℃
/W


Similar Part No. - TK8P25DA

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TK8P60W TOSHIBA-TK8P60W Datasheet
301Kb / 10P
Switching Voltage Regulators
logo
Inchange Semiconductor ...
TK8P60W ISC-TK8P60W Datasheet
360Kb / 2P
isc N-Channel MOSFET Transistor
logo
Toshiba Semiconductor
TK8P60W5 TOSHIBA-TK8P60W5 Datasheet
292Kb / 10P
MOSFETs Silicon N-Channel MOS
2015-10-22 Rev.6.0
logo
Inchange Semiconductor ...
TK8P65W ISC-TK8P65W Datasheet
292Kb / 2P
isc N-Channel MOSFET Transistor
logo
Toshiba Semiconductor
TK8P65W TOSHIBA-TK8P65W Datasheet
267Kb / 10P
MOSFETs Silicon N-Channel MOS
2014-09-17 Rev.3.0
More results

Similar Description - TK8P25DA

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ITK13A65U ISC-ITK13A65U Datasheet
288Kb / 2P
iscN-Channel MOSFET Transistor
ITK16A60W ISC-ITK16A60W Datasheet
289Kb / 2P
iscN-Channel MOSFET Transistor
TK60J25D ISC-TK60J25D Datasheet
326Kb / 2P
iscN-Channel MOSFET Transistor
TK8A45D ISC-TK8A45D Datasheet
319Kb / 2P
iscN-Channel MOSFET Transistor
TK12A55D ISC-TK12A55D Datasheet
319Kb / 2P
iscN-Channel MOSFET Transistor
TK12A65D ISC-TK12A65D Datasheet
319Kb / 2P
iscN-Channel MOSFET Transistor
TK15J50D ISC-TK15J50D Datasheet
319Kb / 2P
iscN-Channel MOSFET Transistor
2SK4013 ISC-2SK4013 Datasheet
319Kb / 2P
iscN-Channel MOSFET Transistor
2SK4207 ISC-2SK4207 Datasheet
326Kb / 2P
iscN-Channel MOSFET Transistor
IRFB9N65A ISC-IRFB9N65A Datasheet
329Kb / 2P
iscN-Channel MOSFET Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com