Electronic Components Datasheet Search
  English  ▼

X  

P2041A Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # P2041A
Description  Versatile EMI Reduction IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

P2041A Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  P2041A Datasheet HTML 1Page - Alliance Semiconductor Corporation P2041A Datasheet HTML 2Page - Alliance Semiconductor Corporation P2041A Datasheet HTML 3Page - Alliance Semiconductor Corporation P2041A Datasheet HTML 4Page - Alliance Semiconductor Corporation P2041A Datasheet HTML 5Page - Alliance Semiconductor Corporation P2041A Datasheet HTML 6Page - Alliance Semiconductor Corporation P2041A Datasheet HTML 7Page - Alliance Semiconductor Corporation P2041A Datasheet HTML 8Page - Alliance Semiconductor Corporation P2041A Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
November 2003
P2041A
rev F
Versatile EMI Reduction IC
5 of 9
Notice: The information in this document is subject to change without notice.
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VDD, VIN
Voltage on any pin with respect to GND
-0.5 to + 7.0
V
TSTG
Storage temperature
-65 to +125
°C
TA
Operating temperature
0 to +70
°C
DC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
VIL
Input Low Voltage
GND – 0.3
-
0.8
V
VIH
Input High Voltage
2.0
-
VDD + 0.3
V
IIL
Input Low Current (pull-up resistor on inputs SR0, 1)
-
-
-35
µA
IIH
Input High Current (pull-down resistor on input SSON)
-
-
35
µA
IXOL
XOUT Output Low Current (@ 0.4V, VDD = 3.3V)
-
3
-
mA
IXOH
XOUT Output High Current (@ 2.5V, VDD = 3.3V)
-
3
-
mA
VOL
Output Low Voltage (VDD=3.3V, IOL = 20 mA)
-
-
0.4
V
VOH
Output High Voltage (VDD=3.3V, IOH = 20 mA)
2.5
-
-
V
IDD
Static Supply Current
-
0.6
-
mA
ICC
Dynamic Supply Current (3.3V and 15 pF loading)
7
8.6
10
mA
VDD
Operating Voltage
2.7
3.3
5.5
V
AC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
fIN
Input Frequency when
25
40
60
MHz
tLH*
Output rise time
(Measured at 0.8V to 2.0V)
0.7
0.9
1.1
ns
tHL*
Output fall time
(Measured at 0.8V to 2.0V)
0.6
0.8
1.0
ns
tJC
Jitter (cycle to cycle)
-
-
360
ps
tD
Output duty cycle
45
50
55
%
*tLH and tHL are measured into a capacitive load of 15pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com