Electronic Components Datasheet Search
  English  ▼

X  

2SD1624 Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # 2SD1624
Description  NPN Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

2SD1624 Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  2SD1624 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 2SD1624 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 2SD1624 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 2SD1624 Datasheet HTML 4Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SD1624 SOT-89
1 / 4
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
1
2
3
■
Simplified outline(SOT-89)
1.Base
2.Collector
3.Emitter
NPN Transistors
■
Features
●
Low collector-to-emitter saturation voltage.
●
Large current capacity and wide ASO.
●
Fast switching speed.
●
Complementary to 2SB1124
■
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
60
Collector - Emitter Voltage
VCEO
50
Emitter - Base Voltage
VEBO
6
Collector Current - Continuous
IC
3
Collector Current - Pulse
ICP
6
Collector Power Dissipation
0.5
(Note.1)
1.5
Junction Temperature
TJ
150
Storage Temperature Range
Tstg
-55 to 150
V
℃
A
PC
W
Note.1:Mounted on ceramic board (250mm ×0.8mm)
2
■
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= 100 uA, IE= 0
60
Collector- emitter breakdown voltage
VCEO
Ic= 1 mA,RBE= ∞
50
Emitter - base breakdown voltage
VEBO
IE= 100 uA, IC= 0
6
Collector-base cut-off current
ICBO
VCB= 50 V , IE= 0
1
Emitter cut-off current
IEBO
VEB= 4V , IC=0
1
Collector-emitter saturation voltage
VCE(sat) IC=2 A, IB=100 mA
0.19
0.5
Base - emitter saturation voltage
VBE(sat) IC=2 A, IB=100 mA
1.2
VCE= 2V, IC= 100 mA
100
560
VCE= 2V, IC= 3 A
35
Turn-ON Time
ton
70
Storage Time
tstg
650
Fall Time
tf
35
Collector output capacitance
Cob
VCB= 10V, IE= 0,f=1MHz
25
pF
Transition frequency
fT
VCE= 10V, IC= 50mA
150
MHz
See specified Test Circuit.
ns
V
uA
DC current gain
hFE
V
■
Classification of hfe(1)
Type
2SD1624-R
2SD1624-S
2SD1624-T
2SD1624-U
Range
100-200
140-280
200-400
280-560
Marking
DG R*
DG S*
DG T*
DG U*
■


Similar Part No. - 2SD1624

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SD1624 SANYO-2SD1624 Datasheet
122Kb / 4P
High-Current Switching Applications
logo
Unisonic Technologies
2SD1624 UTC-2SD1624 Datasheet
139Kb / 4P
HIGH CURRENT SWITCHIG APPLICATION
logo
Guangdong Kexin Industr...
2SD1624 KEXIN-2SD1624 Datasheet
57Kb / 2P
NPN Epitaxial Planar Silicon Transistor
logo
Unisonic Technologies
2SD1624 UTC-2SD1624 Datasheet
243Kb / 5P
HIGH CURRENT SWITCHIG APPLICATION
2SD1624 UTC-2SD1624 Datasheet
240Kb / 5P
HIGH CURRENT SWITCHING APPLICATION
More results

Similar Description - 2SD1624

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KST9013 KEXIN-KST9013 Datasheet
103Kb / 2P
NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
NPN Transistors
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
NPN Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com