Electronic Components Datasheet Search
  English  ▼

X  

INA281 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # INA281
Description  INA281, ??-V to 110-V, 1.3-MHz Current-Sense Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA281 Datasheet(HTML) 5 Page - Texas Instruments

  INA281 Datasheet HTML 1Page - Texas Instruments INA281 Datasheet HTML 2Page - Texas Instruments INA281 Datasheet HTML 3Page - Texas Instruments INA281 Datasheet HTML 4Page - Texas Instruments INA281 Datasheet HTML 5Page - Texas Instruments INA281 Datasheet HTML 6Page - Texas Instruments INA281 Datasheet HTML 7Page - Texas Instruments INA281 Datasheet HTML 8Page - Texas Instruments INA281 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
INA281
www.ti.com
SBOSA29 – JUNE 2020
Product Folder Links: INA281
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Electrical Characteristics (continued)
at TA = 25 °C, VS = 5 V, VSENSE = VIN+ – VIN– = 0.5 V / Gain, VCM = VIN– = 48 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
G
Gain
INA281x1
20
V/V
INA281x2
50
V/V
INA281x3
100
V/V
INA281x4
200
V/V
INA281x5
500
V/V
GERR
Gain error
GND + 50 mV
≤ VOUT ≤ VS – 200 mV
±0.07
±0.5
%
TA = –40 °C to +125 °C
±2
±20
ppm/°C
NLERR
Nonlinearity error
0.01
%
Maximum capacitive load
No sustained oscillations, no isolation
resistor
500
pF
VOLTAGE OUTPUT
Swing to Vs (Power supply rail)
RLOAD = 10 kΩ, TA = –40 °C to +125 °C
VS –
0.07
VS –
0.15
V
Swing to ground
RLOAD = 10 kΩ, VSENSE = 0 V,
TA = –40 °C to +125 °C
0.005
0.02
V
FREQUENCY RESPONSE
BW
Bandwidth
INA281x1, CLOAD = 5 pF,
VSENSE = 200 mV
1300
kHz
INA281x2, CLOAD = 5 pF,
VSENSE = 80 mV
1300
INA281x3, CLOAD = 5 pF,
VSENSE = 40 mV
1000
INA281x4, CLOAD = 5 pF,
VSENSE = 20 mV
900
INA281x5, CLOAD = 5 pF,
VSENSE = 8 mV
900
SR
Slew rate
Rising edge
2.5
V/µs
Settling time
VOUT = 4 V ± 0.1 V step, Output settles
to 0.5%
10
µs
VOUT = 4 V ± 0.1 V step, Output settles
to 1%
5
VOUT = 4 V ± 0.1 V step, Output settles
to 5%
1
NOISE
Ven
Voltage noise density
50
nV/
√Hz
POWER SUPPLY
Vs
Supply voltage
TA = –40 °C to +125 °C
2.7
20
V
IQ
Quiescent current
1.5
2
mA
TA = –40 °C to +125 °C
2.25
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com