Electronic Components Datasheet Search
  English  ▼

X  

INA2290 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # INA2290
Description  INAx290 2.7-V to 120-V, 1.1-MHz, Ultra-Precise Current Sense Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA2290 Datasheet(HTML) 14 Page - Texas Instruments

Back Button INA2290 Datasheet HTML 10Page - Texas Instruments INA2290 Datasheet HTML 11Page - Texas Instruments INA2290 Datasheet HTML 12Page - Texas Instruments INA2290 Datasheet HTML 13Page - Texas Instruments INA2290 Datasheet HTML 14Page - Texas Instruments INA2290 Datasheet HTML 15Page - Texas Instruments INA2290 Datasheet HTML 16Page - Texas Instruments INA2290 Datasheet HTML 17Page - Texas Instruments INA2290 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
8.3.1.2 Low Input Bias Current
The INAx290 input bias current draws 20 μA (typical) even with common-mode voltages as high as 120 V. This
enables precision current sensing in applications where the sensed current is small or applications that require
lower input leakage current.
8.3.1.3 Low VSENSE Operation
The INAx290 enables accurate current measurement across the entire valid VSENSE range. The zero-drift input
architecture of the INAx290 provides the low offset voltage and low offset drift needed to measure low VSENSE
levels accurately across the wide operating temperature of –40 °C to +125 °C. The capability to measure low
sense voltages enables accurate measurements at lower load currents, and also allows reduction of the sense
resistor value for a given operating current, which minimizes the power loss in the current sensing element.
8.3.1.4 Wide Fixed Gain Output
The INAx290 gain error is < 0.1% at room temperature for most gain options, with a maximum drift of 5 ppm/°C
over the full temperature range of –40 °C to +125 °C. The INAx290 is available in multiple gain options of 20 V/V,
50 V/V, 100 V/V, 200 V/V, and 500 V/V, which the system designer should select based on their desired signal-
to-noise ratio and other system requirements.
The INAx290 closed-loop gain is set by a precision, low-drift internal resistor network. The ratio of these resistors
are excellently matched, while the absolute values may vary significantly. TI does not recommend adding
additional resistance around the INAx290 to change the effective gain because of this variation, however. The
typical values of the gain resistors are described in Table 8-1.
Table 8-1. Fixed Gain Resistor
GAIN
R1
RL
20 (V/V)
25 kΩ
500 kΩ
50 (V/V)
10 kΩ
500 kΩ
100 (V/V)
10 kΩ
1000 kΩ
200 (V/V)
5 kΩ
1000 kΩ
500 (V/V)
2 kΩ
1000 kΩ
8.3.1.5 Wide Supply Range
The INAx290 operates with a wide supply range from a 2.7 V to 20 V. The output stage supports a full-scale
output voltage range of up to VS. Wide output range can enable very-wide dynamic range current
measurements. For a gain of 20 V/V, the maximum differential input acceptable is 1 V.
The offset of the gain of INAx290A1 device is ±25 μV, and the INAx290A1 is capable of measuring a wide
dynamic range of current up to 92 dB.
INA290, INA2290
SBOS961A – JUNE 2020 – REVISED SEPTEMBER 2020
www.ti.com
14
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: INA290 INA2290



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com