Electronic Components Datasheet Search
  English  ▼

X  

LMB24-HM Datasheet(PDF) 2 Page - BELIMO AIRCONTROLS (USA), INC

Part # LMB24-HM
Description  24 VAC, 짹20%, 50/60 Hz, 24 VDC, 짹10% 1/4...5/8??round, centers on 5/8?
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELIMO [BELIMO AIRCONTROLS (USA), INC]
Direct Link  https://www.belimo.us/
Logo BELIMO - BELIMO AIRCONTROLS (USA), INC

LMB24-HM Datasheet(HTML) 2 Page - BELIMO AIRCONTROLS (USA), INC

  LMB24-HM Datasheet HTML 1Page - BELIMO AIRCONTROLS (USA), INC LMB24-HM Datasheet HTML 2Page - BELIMO AIRCONTROLS (USA), INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Wiring Diagrams
Provide overload protection and disconnect as required.
Actuators may also be powered by 24 VDC.
Blk
Common
Red
+ Hot
1
2
3
4
5
Line
Volts
M
-
+
5 PIN
Molex
Connector
3
1
24 V Control 24 VAC Transformer
LMB24-HM Technical Data Sheet
800-543-9038 USA
866-805-7089 CANADA
203-791-8396 LATIN AMERICA / CARIBBEAN



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com