Electronic Components Datasheet Search
  English  ▼

X  

LMB24-IP Datasheet(PDF) 3 Page - BELIMO AIRCONTROLS (USA), INC

Part # LMB24-IP
Description  Cloud capable and communicating damper Torque motor 45 in-lb [5 Nm]
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELIMO [BELIMO AIRCONTROLS (USA), INC]
Direct Link  https://www.belimo.us/
Logo BELIMO - BELIMO AIRCONTROLS (USA), INC

LMB24-IP Datasheet(HTML) 3 Page - BELIMO AIRCONTROLS (USA), INC

  LMB24-IP Datasheet HTML 1Page - BELIMO AIRCONTROLS (USA), INC LMB24-IP Datasheet HTML 2Page - BELIMO AIRCONTROLS (USA), INC LMB24-IP Datasheet HTML 3Page - BELIMO AIRCONTROLS (USA), INC LMB24-IP Datasheet HTML 4Page - BELIMO AIRCONTROLS (USA), INC LMB24-IP Datasheet HTML 5Page - BELIMO AIRCONTROLS (USA), INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Technical data sheet
LMB24-IP
www.belimo.us
LMB24-IP • en-us • 2020-09-01 • Subject to change
3 / 5
Local control mode: the actuator receives an analog control signal from a conventional controller and
drives to the control position. In addition, using the Belimo Cloud, BACnet/IP or Modbus TCP, various data
points can be read and with the exception of the control signal written to the actuator. This Belimo Cloud
connected damper actuator has two universal sensor inputs ready for your innovative HVAC applications.
The two universal sensor inputs (passive, active, or contact) serve as an analogue/digital converter for the
digital transmission of the sensor value to a higher level system. Selecting the sensor type is accomplished
via connection to the integrated web server (RJ45 connection to the web browser) or directly via the
Belimo Cloud. The actuators performance and sensor data is recorded locally with 13 months of storage.
This data can be used for analytical purposes, downloaded via csv files, or used in your HVAC application.
Simple direct mounting on the damper shaft with a universal shaft clamp, supplied with an anti-rotation
device to prevent the actuator from rotating.
The recorded data (integrated data recording for 13 months) can be used for analytical purposes.
Download csv files via web browser.
Manual override with push-button possible (the gear is disengaged for as long as the button is pressed or
remains locked).
Adjustable angle of rotation with mechanical end stops.
The actuator is overload protected, requires no limit switches and automatically stops when the end stop
is reached.
The first time the supply voltage is switched on, i.e. at the time of commissioning, the actuator carries out
an adaption, which is when the operating range and position feedback adjust themselves to the
mechanical setting range.
The actuator then moves into the position defined by the positioning signal.
An adaption can be triggered manually by pressing the “Adaption” button. Both mechanical end stops are
detected during adaption for setting the mechanical working range. The actuators operating range and
runtime are scaled to this working range.
Accessories
Sähköiset lisävarusteet Kuvaus
Tyyppi
Feedback potentiometer 10 kΩ add-on, grey
P10000A GR
Feedback potentiometer 1 kΩ add-on, grey
P1000A GR
Feedback potentiometer 140 Ω add-on, grey
P140A GR
Feedback potentiometer 15 kΩ gray
P15000A-F GR
Feedback potentiometer 2.8 kΩ add-on, grey
P2800A GR
Feedback potentiometer 5 kΩ add-on, grey
P5000A GR
Feedback potentiometer 500 Ω add-on, grey
P500A GR
Auxiliary switch 1 x SPDT add-on
S1A
Auxiliary switch 2 x SPDT add-on
S2A
Positioner for wall mounting
SGA24
Positioner for front-panel mounting
SGF24
TF-CC US
Mekaaniset lisävarusteet Kuvaus
Tyyppi
Shaft extension 170 mm Ø10 mm for damper shaft Ø 6...16 mm
AV6-20
Shaft extension 240 mm Ø20 mm for damper shaft Ø 8...22.7 mm
AV8-25
K-LM10
K-LM12
K-LM16
K-LM20
Ball joint suitable for damper crank arm KH8 / KH10
KG10A
Ball joint suitable for damper crank arm KH8
KG6
Ball joint suitable for damper crank arm KH8
KG8
Damper crank arm Slot width 8.2 mm, clamping range Ø14...25 mm
KH10
Damper crank arm Slot width 8.2 mm, for Ø1.05"
KH12
Damper crank arm Slot width 6.2 mm, clamping range Ø10...18 mm
KH6
Damper crank arm Slot width 8.2 mm, clamping range Ø10...18 mm
KH8
Simple direct mounting
Data recording
Manual override
Adjustable angle of rotation
High functional reliability
Home position
Adaptation and synchronisation



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com