Electronic Components Datasheet Search
  English  ▼

X  

ASM1834AF-T Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # ASM1834AF-T
Description  Dual 5V and 3.3V uP Power Supply Supervisor with Manual Reset
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM1834AF-T Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  ASM1834AF-T Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM1834AF-T Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM1834AF-T Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM1834AF-T Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM1834AF-T Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM1834AF-T Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM1834AF-T Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM1834AF-T Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM1834AF-T Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ASM1834/A/D
2 of 10
Notice: The information in this document is subject to change without notice
Dual 5V and 3.3V µP Power Supply Supervisor with Manual Reset
rev 1.3
April 2005
Block Diagram
Pin Configuration
Pin Description
Pin #
Pin Name
Function
1
5VIN
5V power supply input.
2
5V RESET
5V RESET
5V reset output (Active LOW, ASM1834, ASM1834A. Open drain outputs for ASM1834A).
5V reset output (Active HIGH, AS1834D).
35V TOL
5V input tolerance select: 10% tolerance for 5VTOL= 5VIN and 5% tolerance for 5VTOL = GND
4
GND
Ground.
5
PBRST
Debounced manual pushbutton reset input (40k
Ω internal pull-up).
63.3V TOL
3.3V input tolerance select: 20% tolerance for 3.3VTOL = 3.3VIN and 10% tolerance for 3.3VTOL=GND.
7
3.3V RESET
3.3V RESET
3.3V reset output (Active LOW, ASM1834, ASM1834A. Open drain outputs for ASM1834A).
3.3V reset output (Active HIGH, AS1834D).
8
3.3VIN
3.3V power supply input.
1
2
3
4
5
6
7
8
5VIN
5V RESET *
5V TOL
GND
3.3VIN
3.3V RESET *
PBRST
3.3V TOL
ASM1834
ASM1834A
ASM1834D
* AS1834D reset outputs are active HIGH (5V RESET and 3.3V RESET)
Outputs are open-drain for AS1834A.
5V Tolerance
Bias
Low TC
3.3V Tolerance
Pushbutton Level
For ASM1834D
350ms Delay
5 VIN
5 VTOL
PBRST
3.3 VIN
3.3 VTOL
GND
3.3V RESET
3.3V RESET (ASM1834D)
5V RESET
5V RESET
ASM1834
350ms Delay
Reference
Bias
Sense and Debounce
For ASM1834D
-
+
-
ASM1834A
5V RESET
3.3V RESET
40k
Ω
(ASM1834D)
+
1
3
5
8
6
4
7
2
2
7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com