Electronic Components Datasheet Search
  English  ▼

X  

8085152 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8085152
Description  Mini slide
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8085152 Datasheet(HTML) 1 Page - Festo Corporation.

  8085152 Datasheet HTML 1Page - Festo Corporation. 8085152 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Mini slide
DGST-25-40-PA
Part number: 8085152
Data sheet
Feature
Value
Guide material
POM
TPE-E
High-alloy steel
Stroke
40 mm
Adjustable end-position range/front length
46 mm
Adjustable end-position range/rear length
46 mm
Piston diameter
25 mm
Type code
DGST
Drive unit operating mode
Yoke
Cushioning
Elastic cushioning rings/pads at both ends
Mounting position
Any
Guide
Ball bearing cage guide
Design
Piston rod
Twin piston
Yoke
Slide
Position sensing
For proximity sensor
Symbol
00991249
Operating pressure
1 bar ... 8 bar
Max. speed
0.8 m/s
Repetition accuracy
<= 0.3 mm
Mode of operation
Double-acting
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
1 - Low corrosion stress
Ambient temperature
-10 °C ... 60 °C
Impact energy in the end positions
0.45 J
Cushioning length
1.2 mm
Max. force Fy
1310 N
Max. force Fz
1310 N
Max. torque Mx
13 Nm
Max. torque My
12 Nm
Max. torque Mz
12 Nm
Theoretical force at 6 bar, retracting
495 N
Theoretical force at 6 bar, advancing
589 N
Moving mass
1013.5 g
9/21/20 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 8085152

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8085150 FESTO-8085150 Datasheet
96Kb / 2P
Mini slide
8085151 FESTO-8085151 Datasheet
97Kb / 2P
Mini slide
8085153 FESTO-8085153 Datasheet
95Kb / 2P
Mini slide
8085154 FESTO-8085154 Datasheet
97Kb / 2P
Mini slide
8085155 FESTO-8085155 Datasheet
95Kb / 2P
Mini slide
More results

Similar Description - 8085152

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
DGST-10-10-PA FESTO-DGST-10-10-PA Datasheet
92Kb / 2P
Mini slide
DGST-10-40-PA FESTO-DGST-10-40-PA Datasheet
92Kb / 2P
Mini slide
DGST-12-50-Y12A FESTO-DGST-12-50-Y12A Datasheet
91Kb / 2P
Mini slide
DGST-12-80-E1A FESTO-DGST-12-80-E1A Datasheet
89Kb / 2P
Mini slide
DGST-12-80-Y12A FESTO-DGST-12-80-Y12A Datasheet
91Kb / 2P
Mini slide
DGST-16-20-E1A FESTO-DGST-16-20-E1A Datasheet
89Kb / 2P
Mini slide
DGST-16-40-Y12A FESTO-DGST-16-40-Y12A Datasheet
91Kb / 2P
Mini slide
DGST-16-50-PA FESTO-DGST-16-50-PA Datasheet
91Kb / 2P
Mini slide
DGST-20-10-E1A FESTO-DGST-20-10-E1A Datasheet
94Kb / 2P
Mini slide
DGST-20-30-E1A FESTO-DGST-20-30-E1A Datasheet
95Kb / 2P
Mini slide
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com