Electronic Components Datasheet Search
  English  ▼

X  

8085192 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8085192
Description  Mini slide
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8085192 Datasheet(HTML) 1 Page - Festo Corporation.

  8085192 Datasheet HTML 1Page - Festo Corporation. 8085192 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Mini slide
DGST-25-40-Y12A
Part number: 8085192
Data sheet
Feature
Value
Guide material
TPE-E
POM
High-alloy steel
Stroke
40 mm
Adjustable end-position range/front length
31 mm
Adjustable end-position range/rear length
31 mm
Piston diameter
25 mm
Type code
DGST
Drive unit operating mode
Yoke
Cushioning
External hydraulic cushioning
Mounting position
Any
Guide
Ball bearing cage guide
Design
Piston rod
Twin piston
Yoke
Slide
Position sensing
For proximity sensor
Symbol
00991249
Operating pressure
1 bar ... 8 bar
Max. speed
0.5 m/s
Repetition accuracy
<= 0.02 mm
Mode of operation
Double-acting
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
1 - Low corrosion stress
Ambient temperature
-10 °C ... 60 °C
Impact energy in the end positions
3.6 J
Cushioning length
10 mm
Max. force Fy
1310 N
Max. force Fz
1310 N
Max. torque Mx
13 Nm
Max. torque My
12 Nm
Max. torque Mz
12 Nm
Theoretical force at 6 bar, retracting
495 N
Theoretical force at 6 bar, advancing
589 N
Moving mass
982 g
9/21/20 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 8085192

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8085190 FESTO-8085190 Datasheet
91Kb / 2P
Mini slide
8085191 FESTO-8085191 Datasheet
97Kb / 2P
Mini slide
8085193 FESTO-8085193 Datasheet
96Kb / 2P
Mini slide
8085194 FESTO-8085194 Datasheet
98Kb / 2P
Mini slide
8085195 FESTO-8085195 Datasheet
95Kb / 2P
Mini slide
More results

Similar Description - 8085192

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
DGST-10-10-PA FESTO-DGST-10-10-PA Datasheet
92Kb / 2P
Mini slide
DGST-10-40-PA FESTO-DGST-10-40-PA Datasheet
92Kb / 2P
Mini slide
DGST-12-50-Y12A FESTO-DGST-12-50-Y12A Datasheet
91Kb / 2P
Mini slide
DGST-12-80-E1A FESTO-DGST-12-80-E1A Datasheet
89Kb / 2P
Mini slide
DGST-12-80-Y12A FESTO-DGST-12-80-Y12A Datasheet
91Kb / 2P
Mini slide
DGST-16-20-E1A FESTO-DGST-16-20-E1A Datasheet
89Kb / 2P
Mini slide
DGST-16-40-Y12A FESTO-DGST-16-40-Y12A Datasheet
91Kb / 2P
Mini slide
DGST-16-50-PA FESTO-DGST-16-50-PA Datasheet
91Kb / 2P
Mini slide
DGST-20-10-E1A FESTO-DGST-20-10-E1A Datasheet
94Kb / 2P
Mini slide
DGST-20-30-E1A FESTO-DGST-20-30-E1A Datasheet
95Kb / 2P
Mini slide
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com